Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 2Page - Texas Instruments DAC5688 Datasheet HTML 3Page - Texas Instruments DAC5688 Datasheet HTML 4Page - Texas Instruments DAC5688 Datasheet HTML 5Page - Texas Instruments DAC5688 Datasheet HTML 6Page - Texas Instruments DAC5688 Datasheet HTML 7Page - Texas Instruments DAC5688 Datasheet HTML 8Page - Texas Instruments DAC5688 Datasheet HTML 9Page - Texas Instruments DAC5688 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (AC SPECIFICATIONS)
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, DVDD, CLKVDD = 1.8 V, IOUTFS = 20 mA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT(1)
fDAC
Maximum output update rate
800
MSPS
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0xFFFF
10.4
ns
DAC outputs are updated on falling edge of DAC clock.
tpd
Output propagation delay
2
ns
Does not include Digital Latency (see below).
tr(IOUT)
Output rise time
10% to 90%
220
ps
tf(IOUT)
Output fall time
90% to 10%
220
ps
No Interp, NCO off, QMC off, ISINC = off
109
x2 Interpolation, NCO off, QMC off, ISINC = off
172
x4 Interpolation, NCO off, QMC off, ISINC = off
276
DAC
Digital Latency
x8 Interpolation, NCO off, QMC off, ISINC = off
488
clock
cycles
x8 Interpolation, NCO on, QMC off, ISINC = off
512
x8 Interpolation, NCO on, QMC on, ISINC = off
528
x8 Interpolation, NCO on, QMC on, ISINC = on
548
AC PERFORMANCE (2)
×4 Interp, PLL off, CLK2 = 800 MHz,
FOUT= 10.1 MHz
83
Spurious free dynamic
DAC A+B on,
SFDR
dBc
FOUT= 20.1 MHz
79
range
0 dBFS Single tone, FOUT = FIN
First Nyquist Zone < fDATA/2
×4 Interp, PLL off, CLK2 = 800 MHz,
NCO= 10 MHz, FOUT= 20.1 MHz
72
DAC A+B on,
NCO= 60 MHz, FOUT= 70.1 MHz
68
0 dBFS Single tone, FIN = 10.1 MHz,
SNR
Signal-to-Noise Ratio
dBc
FOUT = FIN + NCO
NCO= 140 MHz, FOUT= 150.1 MHz
64
NCO= 290 MHz, FOUT= 300.1 MHz
57
×4 Interp, PLL off, CLK2 = 800 MHz,
NCO= 40 MHz, FOUT= 51±0.5 MHz
85
Third-order
DAC A+B on,
IMD3
Two-Tone intermodulation
NCO= 60 MHz, FOUT= 71±0.5 MHz
83
dBc
FIN = 10.5 and 11. 5 MHz,
(Each tone at –6 dBFS)
FOUT = FIN + NCO
NCO= 130 MHz, FOUT= 141±0.5 MHz
74
Four-tone Intermodulation
×4 Interp, PLL off, CLK2 = 800 MHz, DAC A+B on,
IMD
to Nyquist
FIN = 9.8, 10.4, 11.6 and 12.2 MHz (600kHz spacing), NCO = 129 MHz,
73
dBc
(Each tone at –12 dBFS)
FOUT = FIN + NCO = 140±1.2 MHz
×8 Interp, PLL off, CLK2 = 737.28 MHz,
Single Carrier, FOUT = 23.04 MHz
81
DAC A+B on, FIN = 23 .04 MHz, NCO = off
ACLR
Adjacent Channel
×8 Interp, PLL off, CLK2 = 737.28 MHz,
Single Carrier, FOUT = 70MHz
81
dBc
(3)
Leakage Ratio
DAC A+B on, FIN = Baseband I/Q,
Single Carrier, FOUT = 140MHz
78
FOUT = NCO
Four Carrier, FOUT = 140MHz
70
×8 Interp, PLL off, CLK2 = 737.28 MHz,
Single Carrier Noise Floor
101
dBm
Noise Floor,
DAC A+B on,
Single Carrier NSD in 1 MHz BW
161
dBm/Hz
Noise Spectral Density
FIN = FOUT = Baseband I/Q,
(NSD)
50 MHz offset, 1 MHz BW
Four Carrier Noise Floor
101
dBm
(3)
Four Carrier NSD in 1 MHz BW
161
dBm/Hz
(1)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD.
(2)
4:1 transformer output termination, 50
Ω doubly terminated load
(3)
W-CDMA with 3.84 MHz BW, 5-MHz spacing, centered at IF. TESTMODEL 1, 10 ms
6
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com