Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 19Page - Texas Instruments DAC5688 Datasheet HTML 20Page - Texas Instruments DAC5688 Datasheet HTML 21Page - Texas Instruments DAC5688 Datasheet HTML 22Page - Texas Instruments DAC5688 Datasheet HTML 23Page - Texas Instruments DAC5688 Datasheet HTML 24Page - Texas Instruments DAC5688 Datasheet HTML 25Page - Texas Instruments DAC5688 Datasheet HTML 26Page - Texas Instruments DAC5688 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
V
EXTIO
Rbias
(DACA_gain ) 1)
ƒ
vco +
(M)
(N)
ƒ
ref
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
Register name: CONFIG27 Address: 0x1B, Default 0xFF
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
coarse_daca(3:0)
coarse_dacb(3:0)
1
1
1
1
1
1
1
1
coarse_daca(3:0)
:
Scales the output current is 16 equal steps.
coarse_dacb(3:0)
:
Same as above except for DACB.
Register name: CONFIG28 Address: 0x1C, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0
0
0
0
0
0
0
0
Register name: CONFIG29 Address: 0x1D, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PLL_m(4:0)
PLL_n(2:0)
0
0
0
0
0
0
0
0
PLL_m
:
M portion of the M/N divider of the PLL thermometer encoded:
PLL_m(4:0)
M value
00000
1
00001
2
00011
4
00111
8
01111
16
11111
32
All other values
Invalid
PLL_n
:
N portion of the M/N divider of the PLL thermometer encoded. If supplying a high rate CLK2/C frequency, the PLL_n value
should be used to divide down the input CLK2/C to maintain a maximum PFD operating of 160 MHz.
PLL_n(2:0)
n value
000
1
001
2
011
4
111
8
All other values
Invalid
PLL Function:
where ƒref is the frequency of the external DAC clock input on the CLK2/C pins
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com