Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 21Page - Texas Instruments DAC5688 Datasheet HTML 22Page - Texas Instruments DAC5688 Datasheet HTML 23Page - Texas Instruments DAC5688 Datasheet HTML 24Page - Texas Instruments DAC5688 Datasheet HTML 25Page - Texas Instruments DAC5688 Datasheet HTML 26Page - Texas Instruments DAC5688 Datasheet HTML 27Page - Texas Instruments DAC5688 Datasheet HTML 28Page - Texas Instruments DAC5688 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
VCO
N-
Divider
Charge
Pump
R-
Div
Status& Control
PFD
10 MHz
REF
OSC
REF_IN
CPOUT
VCTRL_IN
90
0
TRF3703 AQM
DAC
DAC
LPF
opt.
PLL
Loop
Filter
DAC5688 DAC
PLL
Synth
TRF3761- XPLL /VCO
Loop
Filter
÷1
÷8
Status &
Control
VCXO
Loop
Filter
Div
1/2/4
Clock Divider /
Distribution
CDCM 7005
5V
5V
614.4 MHz
76.8 MHz
614.4 MHz
~ 2.1 GHz
Term
CLK1
DA[15:0]
GC5016
PA
Antenna
ToTX
Feedback
ToRX
Path
LPF
I- Signal
Q-Signal
Term
Term
TXENABLE
Clock, Sync & Control
÷8
76.8 MHz
CK
Digital
Up
Converter
(DUC)
DB[15:0]
16
16
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
DETAILED DESCRIPTION
EXAMPLE SYSTEM DIAGRAM
Figure 19. Example System Diagram: Direct Conversion with 8x interpolation
SERIAL INTERFACE
The serial port of the DAC5688 is a flexible serial interface which communicates with industry standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define the
operating modes of DAC5688. It is compatible with most synchronous transfer formats and can be configured as
a 3 or 4 pin interface by SIF4 in register CONFIG5. In both configurations, SCLK is the serial interface input
clock and SDENB is serial interface enable. For 3 pin configuration, SDIO is a bidirectional pin for both data in
and data out. For 4 pin configuration, SDIO is data in only and SDO is data out only. Data is input into the device
with the rising edge of SCLK. Data is output from the device on the falling edge of SCLK.
Each read/write operation is framed by signal SDENB (Serial Data Enable Bar) asserted low for 2 to 5 bytes,
depending on the data length to be transferred (1–4 bytes). The first frame byte is the instruction cycle which
identifies the following data transfer cycle as read or write, how many bytes to transfer, and what address to
transfer the data. Table 2 indicates the function of each bit in the instruction cycle and is followed by a detailed
description of each bit. Frame bytes 2 to 5 comprise the data transfer cycle.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com