Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 3 Page - Texas Instruments

  DAC5688 Datasheet HTML 1Page - Texas Instruments DAC5688 Datasheet HTML 2Page - Texas Instruments DAC5688 Datasheet HTML 3Page - Texas Instruments DAC5688 Datasheet HTML 4Page - Texas Instruments DAC5688 Datasheet HTML 5Page - Texas Instruments DAC5688 Datasheet HTML 6Page - Texas Instruments DAC5688 Datasheet HTML 7Page - Texas Instruments DAC5688 Datasheet HTML 8Page - Texas Instruments DAC5688 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
51, 54,
AVDD
55, 59,
I
Analog supply voltage. (3.3V)
62
BIASJ
57
O
Full-scale output current bias. For 20mA full-scale output current, connect a 960
Ω resistor to GND.
With the clock multiplier PLL enabled, CLK2 provides lower frequency reference clock. If the PLL is disabled, CLK2
CLK2
2
I
directly provides clock for DAC up to 800 MHz.
CLK2C
3
I
Complementary CLK2 input.
In Dual Clock Modes, provides lower frequency input clock (CLK1). Optionally provides clock (CLKO) output for data
CLKO_CLK1
25
I/O
bus. Internal pull-down.
Complementary CLK1 signal if configured as a differential input. In PLL mode, optionally outputs PLL lock status. Internal
LOCK_ CLK1C
26
I/O
pull-down.
Internal clock buffer supply voltage. (1.8V)
CLKVDD
1
I
It is recommended to isolate this supply from DVDD.
A-Channel Data Bits 0 through 15.
DA15 is most significant data bit (MSB) – pin 7
7, 8,
DA[15..0]
I
11–24
DA0 is least significant data bit (LSB) – pin 24
Internal pull-down. The order of bus can be reversed via CONFIG4 reva bit.
B-Channel Data Bits 0 through 15.
DB15 is most significant data bit (MSB) – pin 43
40–43,
DB[15..0]
I
27–38
DB0 is least significant data bit (LSB) – pin 27
Internal pull-down. The order of bus can be reversed via CONFIG4 revb bit.
10, 39,
Digital supply voltage. (1.8V)
DVDD
I
50, 63
For best performance it is recommended to isolate pins 10 and 39 from all other 1.8V supplies.
Used as external reference input when internal reference is disabled (i.e., EXTLO connected to AVDD). Used as internal
EXTIO
56
I/O
reference output when EXTLO = GND, requires a 0.1mF decoupling capacitor to GND when used as reference output
EXTLO
58
O
Connect to GND for internal reference, or AVDD for external reference.
4,
GND
I
Pin 4 and the Thermal Pad located on the bottom of the QFN package is ground for AVDD, DVDD and IOVDD supplies.
Thermal
Pad
A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a full scale current
IOUTA1
52
O
sink and the least positive voltage on the IOUTA1 pin. Similarly, a 0xFFFF data input results in a 0 mA current sink and
the most positive voltage on the IOUTA1 pin. In single DAC mode, outputs appear on the IOUTA1/A2 pair only.
A-Channel DAC complementary current output. The IOUTA2 has the opposite behavior of the IOUTA1 described above.
IOUTA2
53
O
An input data value of 0x0000 results in a 0mA sink and the most positive voltage on the IOUTA2 pin.
IOUTB1
61
O
B-Channel DAC current output. Refer to IOUTA1 description above.
IOUTB2
60
O
B-Channel DAC complementary current output. Refer to IOUTA2 description above.
3.3V supply voltage for all digital I/O. Note: This supply input should remain at 3.3V regardless of the 1.8V or 3.3V
IOVDD
9
I
selectable digital input switching thresholds via CONFIG26 io_1p8_3p3.
PLL loop filter connection. If not using the clock multiplying PLL, leave the LPF pin open. Set PLL_sleep and clear
LPF
64
I
PLL_ena control bits for reduced power dissipation.
SYNC
5
I
Optional SYNC input for internal clock dividers, FIFO, NCO and QMC blocks. Internal pull-down.
RESETB
49
I
Resets the chip when low. Internal pull-up.
SCLK
47
I
Serial interface clock. Internal pull-down.
SDENB
48
I
Active low serial data enable, always an input to the DAC5688. Internal pull-up.
Bi-directional serial data in 3-pin mode (default). In 4-pin interface mode (CONFIG5 sif4), the SDIO pin is an input only.
SDIO
46
I/O
Internal pull-down.
Uni-directional serial interface data in 4-pin mode (CONFIG5 sif4). The SDO pin is tri-stated in 3-pin interface mode
SDO
45
O
(default). Internal pull-down.
Transmit enable input. Internal pull-down. TXENABLE has two purposes. In all modes, TXENABLE must be high for the
DATA to the DAC to be enabled. When TXENABLE is low, the digital logic section is forced to all 0, and any input data is
TXENABLE
6
I
ignored. In interleaved data mode, TXENABLE can be used to synchronize the data to channels A and B. The first
A-channels sample should be aligned with the rising edge of TXENABLE.
Digital supply voltage. (1.8V) This supply pin is also used for factory fuse programming. Connect to DVDD pins for
VFUSE
44
I
normal operation.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com