Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 41Page - Texas Instruments DAC5688 Datasheet HTML 42Page - Texas Instruments DAC5688 Datasheet HTML 43Page - Texas Instruments DAC5688 Datasheet HTML 44Page - Texas Instruments DAC5688 Datasheet HTML 45Page - Texas Instruments DAC5688 Datasheet HTML 46Page - Texas Instruments DAC5688 Datasheet HTML 47Page - Texas Instruments DAC5688 Datasheet HTML 48Page - Texas Instruments DAC5688 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
C1 + t1 1 *
t2
t3
C2 +
t1 * t2
t3
R1 +
t32
t1(t3 * t2)
t1 +
K
dKvco
w2
d
tan f
d ) sec
f
d
t2 +
1
w
d tan
f
d ) sec
f
d
t3 +
tan f
d ) sec
f
d
w
d
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
RECOMMENDED STARTUP SEQUENCE
The following startup sequence is recommend to initialization the DAC5688:
1. Supply all 1.8V (CLKVDD, DVDD, VFUSE) and 3.3V (AVDD and IOVDD) voltages.
2. Toggle RESETB pin for a minimum 25 nSec active low pulse width.
3. Provide a stable CLK2/C input clock.
4. Program all desired SIF registers.
5. Provide a sync signal to all digital blocks. The sync input source may be either TXENABLE pin, SYNC pin or
a software sync via CONFIG5 sif_sync_sig bit; however, only the TXENABLE or SYNC pins are
recommended for multi-DAC synchronization. Refer to CONFIG5, CONFIG22 and CONFIG23 registers for
sync source selection. Note: Registers CONFIG6 through CONFIG13 all require a sync input to transfer the
contents of the control register inputs to the active digital blocks.
6. Provide data flow.
MULTI-DAC SYNCHRONIZATION
If the system has two or more DACs requiring synchronization, the sync signal in Step 5 of the RECOMMENDED
STARTUP SEQUENCE must be provided to all the DACs simultaneously. The sync input source must be either
the TXENABLE pin or the SYNC pin (the software sync is not recommended).
In some applications such as beamforming it is required that the multiple DACs in the system have constant
latency thus resulting in phase aligned outputs. As a result of the clock domain transfer on the DAC5688 FIFO,
the outputs of all DACs can only be synchronized to within ±1 DAC clock cycle in the External and Dual Clock
modes. In order to guarantee exact phase alignment between all devices it is required to set up the device in
Dual Synchronous Clock mode.
DESIGNING THE PLL LOOP FILTER
To minimize phase noise given for a given fDAC and M/N, the values of PLL_gain and PLL_range are selected
so that GVCO is minimized and within the MIN and MAX frequency for a given setting.
The external loop filter components C1, C2, and R1 are set by the GVCO, M/N, the loop phase margin fd and the
loop bandwidth wd. Except for applications where abrupt clock frequency changes require a fast PLL lock time, it
is suggested that fd be set to at least 80 degrees for stable locking and suppression of the phase noise side
lobes. Phase margins of 60 degrees or less can be sensitive to board layout and decoupling details.
See Figure 52 for the recommend external loop filter topology. C1, C2, and R1 are calculated by the following
equations
(5)
where
(6)
charge pump current: Iqp = 1 mA
vco gain: KVCO = 2p × GVCO rad/V
PFD Frequency: wd ≤ 160 MHz
phase detector gain: Kd = Iqp ÷ (2 × p × M) A/rad
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com