Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 7Page - Texas Instruments DAC5688 Datasheet HTML 8Page - Texas Instruments DAC5688 Datasheet HTML 9Page - Texas Instruments DAC5688 Datasheet HTML 10Page - Texas Instruments DAC5688 Datasheet HTML 11Page - Texas Instruments DAC5688 Datasheet HTML 12Page - Texas Instruments DAC5688 Datasheet HTML 13Page - Texas Instruments DAC5688 Datasheet HTML 14Page - Texas Instruments DAC5688 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
138
139
140
IF - MHz
141
142
-100
Fdata = 200 MSPS, IQ
F
= 0 MHz
IF = 140 MHz
x4 Interpolation, FMIX
PLL off
IN
IF (MHz)
55
60
65
70
75
80
85
0
50
100
150
200
250
300
350
PLL OFF
PLL ON
Fdata = 92.16 MSPS
IF = F
NCO
x8 Interpolation
Fdac = 737.28 MSPS
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
TYPICAL CHARACTERISTICS (continued)
Figure 9. Two Tone IMD Spectral Plot
Figure 10. WCDMA ACLR vs Intermediate Frequency
vertical spacer
vertical spacer
vertical spacer
Figure 11. WCDMA TM1:Single Carrier, PLL Off
Figure 12. WCDMA TM1:Single Carrier, PLL On
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com