Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 13Page - Texas Instruments DAC5688 Datasheet HTML 14Page - Texas Instruments DAC5688 Datasheet HTML 15Page - Texas Instruments DAC5688 Datasheet HTML 16Page - Texas Instruments DAC5688 Datasheet HTML 17Page - Texas Instruments DAC5688 Datasheet HTML 18Page - Texas Instruments DAC5688 Datasheet HTML 19Page - Texas Instruments DAC5688 Datasheet HTML 20Page - Texas Instruments DAC5688 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
Register name: CONFIG2 Address: 0x02, Default 0xE1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
diffclk_ena
clk1_in_ena
clk1c_ in_ena
clko_SE_hold
fir4_ ena
qmc_ offset_ena
qmc_ corr_ena
mixer_ena
1
1
1
0
0
0
0
1
diffclk_ena
:
When set (default), CLK1 and CLK1C pins are used as a differential clock input. Otherwise, CLK1 pin is used as
a single ended input.
clk1_in_ena
:
When set (default), the CLKO_CLK1 pin is configured as the CLK1 input. If cleared, the pin is configured to
output an internally generated CLKO as a clock signal for the input data.
clk1c_in_ena
:
When set (default), the LOCK_CLK1C pin is configured as the CLK1C input. If cleared, the pin is configured to
output the PLL_LOCK status.
clko_SE_hold
:
When set, the single ended (SE) clock is held to a value of ‘1’ so that the signal doesn’t toggle when using the
differential clock input.
fir4_ena
:
When set, the FIR4 Inverse SINC filter is enabled. Otherwise it is bypassed
qmc_offset_ena
:
When set, the digital Quadrature Modulator Correction (QMC) offset correction circuitry is enabled.
qmc_corr_ena
:
When set, the QMC phase and gain correction circuitry is enabled.
mixer_ena
:
When set, the Full Mixer (FMIX) is enabled. Otherwise it is bypassed.
Register name: CONFIG3 Address: 0x03, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
diffclk_dly(1:0)
clko_dly(1:0)
Reserved(3:0)
0
0
0
0
0
0
0
0
diffclk_dly(1:0)
:
To allow for a wider range of interfacing, the differential input clock (CLK1/CLK1C) has programmable delay
added to its tree.
diffclk_dly
Approximate additional delay
00
0
01
1.0 ns
10
2.0 ns
11
3.0 ns
clko_dly(1:0)
:
Same as above except these bits effect the single ended or internally generated clock
Register name: CONFIG4 Address: 0x04, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ser_dac_ data_ena
output_delay(1:0)
B_equals_A
A_equals_B
unused
reva
revb
0
0
0
0
0
0
0
0
ser_dac_data_ena
:
Muxes the ser_dac_data(15:0) to both DACs when asserted.
output_delay(1:0)
:
Delays the output to both DACs from 0 to 3 DAC clock cycles
B_equals_A
:
When set, the DACA data is driving the DACB output.
A_equals_B
:
When set, the DACB data is driving the DACA output.
Bit 4
Bit 3
DACB
DACA
Description
B_equals_A
A_equals_B
Output
Output
0
0
B data
A data
Normal Output
0
1
B data
B data
Both DACs driven by B data
1
0
A data
A data
Both DACs driven by A data
1
1
A data
B data
Swapped Output
reva
:
Reverse the input bits of the A input port. MSB becomes LSB.
revb
:
Reverse the input bits of the B input port. MSB becomes LSB
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com