Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 18Page - Texas Instruments DAC5688 Datasheet HTML 19Page - Texas Instruments DAC5688 Datasheet HTML 20Page - Texas Instruments DAC5688 Datasheet HTML 21Page - Texas Instruments DAC5688 Datasheet HTML 22Page - Texas Instruments DAC5688 Datasheet HTML 23Page - Texas Instruments DAC5688 Datasheet HTML 24Page - Texas Instruments DAC5688 Datasheet HTML 25Page - Texas Instruments DAC5688 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
DAC5688
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
www.ti.com
Register name: CONFIG23 Address: 0x17, Default 0x15
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
unused
unused
fifo_sel(2:0)
aflag_ sel
unused
unused
0
0
0
1
0
1
0
1
fifo_sel(2:0)
:
Selects the sync source for the FIFO from the table below. For the case where the sync is dependent on the first
transition of the input data MSB: Once the transition occurs, the only way to get another sync it to reset the device
or to program fifo_sel to another value
fifo_sel (2:0)
Sync selected
000
TXENABLE from pin
001
SYNC from pin
010
sync_SIF_sig (via CONFIG5)
011
Always zero
100
1st transition on DA MSB
101
1st transition on DB MSB
110
Always zero
111
Always one
aflag_sel
:
When set, the MSB of the input opposite of incoming data is used to determine the A sample. When cleared,
rising edge of TXENABLE is used. Refer to Figure 37.
Register name: CONFIG24 Address: 0x18, Default 0x80
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
fifo_sync_strt(3:0)
Unused
Unused
Unused
Unused
1
0
0
0
0
0
0
0
fifo_sync_strt(3:0)
:
When the sync to the FIFO occurs, this is the value loaded into the FIFO output position counter. With this
value the initial difference between input and output pointers can be controlled. This may be helpful in
syncing multiple chips or controlling the delay through the device.
Register name: CONFIG25 Address: 0x19, Default 0x00
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
Unused
Unused
Unused
Unused
Unused
Unused
Unused
0
0
0
0
0
0
0
0
Register name: CONFIG26 Address: 0x1A, Default 0x0D
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
io_1p8_3p3
Unused
sleepb
sleepa
isbiaslpfb_a
isbiaslpf_b
PLL_ sleep
PLL_ena
0
0
0
0
1
1
0
1
io_1p8_3p3
:
Used to program the digital input voltage threshold levels. ‘0’=3.3V tolerate pads and ‘1’=1.8V tolerate pads.
Applies to following digital pins: CLKO_CLK1, LOCK_CLK1C, DA[15:0], DB[15:0], SYNC, RESETB, SCLK,
SDENB, SDIO (input only) and TXENABLE.
sleepb
:
When set, DACB is put into sleep mode. Putting the DAC into single DAC mode does not automatically assert this
signal, so for minimum power in single DAC mode, also program this register bit.
sleepa
:
When set, DACA is put into sleep mode. Note: If DACA channel is in sleep mode (sleepa = '1') the DACB channel
is also forced in to sleep mode.
isbiaslpfb_a
:
Turns on the low pass filter for the current source bias in the DACA when cleared. The low pass filter will set a
corner at ~472kHz when low and ~95 kHz when high.
isbiaslpfb_b
:
Turns on the low pass filter for the current source bias in the DACB when cleared. The low pass filter will set a
corner at ~472kHz when low and ~95 kHz when high.
PLL_sleep
:
When set, the PLL is put into sleep mode. Bypassing the PLL does not automatically but it into sleep mode.
PLL_ena
:
When set, the PLL is on and its output clock is being used as the DAC clock.
22
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com