Electronic Components Datasheet Search
  English  ▼

X  

DAC5688 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5688
Description  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5688 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC5688 Datasheet HTML 15Page - Texas Instruments DAC5688 Datasheet HTML 16Page - Texas Instruments DAC5688 Datasheet HTML 17Page - Texas Instruments DAC5688 Datasheet HTML 18Page - Texas Instruments DAC5688 Datasheet HTML 19Page - Texas Instruments DAC5688 Datasheet HTML 20Page - Texas Instruments DAC5688 Datasheet HTML 21Page - Texas Instruments DAC5688 Datasheet HTML 22Page - Texas Instruments DAC5688 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
DAC5688
www.ti.com
SLLS880B – DECEMBER 2007 – REVISED MAY 2010
Register name: CONFIG11 Address: 0x0B, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
phaseadd(31:24)
0
0
0
0
0
0
0
0
phaseadd(31:24)
:
The phaseadd(31:24) value is used to determine the frequency of the NCO. The two’s complement formatted value
can be positive or negative and the LSB is equal to Fs/(2^32).
Register name: CONFIG12 Address: 0x0C, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
qmc_gaina(7:0)
0
0
0
0
0
0
0
0
qmc_gaina(7:0)
:
Lower 8 bits of the 11-bit Quadrature Modulator Correction (QMC) gain word for DACA. The upper 3 bits are in
the CONFIG15 register. The full 11-bit qmc_gaina(10:0) word is formatted as UNSIGNED with a range of 0 to
1.9990 and the default gain is 1.0000. The implied decimal point for the multiplication is between bit 9 and bit 10.
Refer to formatting reference below.
qmc_gaina(10:0)
qmc_gaina(10:0)
Format
Gain Value
[Binary]
[Decimal]
00000000000
0
0 + 0/1024 =
0.0000000
00000000001
1
0 + 1/1024 =
0.0009766
…..
…..
….
01111111111
1023 0 + 1023/1024 =
0.9990234
10000000000
[Default] 1024
1 + 0/1024 =
1.0000000
10000000001
1025
1 + 1/1024 =
1.0009766
…..
…..
….
11111111111
2047 1 + 1023/1024 =
1.9990234
Register name: CONFIG13 Address: 0x0D, Default 0x00 (Synced)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
qmc_gainb(7:0)
0
0
0
0
0
0
0
0
qmc_gainb(7:0)
: Lower 8 bits of the 11-bit QMC gain word for DACB. The upper 3 bits are in CONFIG15 register. Refer to CONFIG12
above for formatting.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DAC5688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com