Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 308 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 308 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 304Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 305Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 306Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 307Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 308Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 309Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 310Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 311Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 312Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
230
Freescale Semiconductor
Register address: DMA_Offset + 0x1000 + (32 x n) + 0x1c
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
biter[15:0]
W
Reset
————————————————
15
14
13
12
11
10
9876543210
R
bwc
major.linkch[5:0]
done active major.
e_link
e_sg d_req
start
W
Reset
————————
0
0
—————
0
= Unimplemented
Figure 12-24. TCDn Word 7 (TCDn.{biter,control/status}) Fields
Table 12-28. TCDn Word 7 (TCDn.{biter, control/status}) Field Descriptions
Field
Description
biter.e_link
Enable channel-to-channel linking on minor loop complete. This is the initial value copied into the citer.e_link
field when the major loop is completed. The citer.e_link field controls channel linking during channel execution.
This bit must be equal to the citer.e_link bit otherwise a configuration error will be reported.
0 The channel-to-channel linking is disabled.
1 The channel-to-channel linking is enabled.
biter[14:9]
or
biter.linkch[5:0]
Beginning “major” iteration count or Beginning Link channel number. This is the initial value copied into the
citer field or citer.linkch field when the major loop is completed. The citer fields controls the interation count
and link ing during channel execution.
if (TCD.biter.e_link = 0) then
No channel-to-channel linking (or chaining) is performed after the inner "minor" loop is exhausted. TCD word
5, bits [30:25] are used to form a 15 bit biter field.
else
After the "minor" loop is exhausted, the dma_engine initiates a channel service request at the channel defined
by biter.linkch[5:0] by setting that channel’s TCD.start bit.
The value contained in biter.linkch[5:0] must not exceed the number of implemented channels
biter[8:0]
Beginning “major” iteration count. This is the initial value copied into the citer field or citer.linkch field when the
major loop is completed. The citer fields controls the interation count and link ing during channel execution.
This 9 or 15-bit count represents the beginning major loop count for the channel. As the major iteration count
is exhausted, the contents of the entire 16 bit biter entry is reloaded into the 16 bit citer entry. When the biter
field is initially loaded by software, it must be set to the same value as that contained in the citer field. If the
channel is configured to execute a single service request, the initial values of biter and citer should be 0x0001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com