Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 312 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 312 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 308Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 309Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 310Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 311Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 312Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 313Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 314Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 315Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 316Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
234
Freescale Semiconductor
A general formula to compute the peak request rate (with overlapping requests) is:
PEAKreq = freq / [ entry + (1 + read_ws) + (1 + write_ws) + exit ]
where:
PEAKreq - peak request rate
freq - platform frequency
entry - channel startup (4 cycles)
read_ws - wait states seen during the system bus read data phase
write_ws - wait states seen during the system bus write data phase
exit - channel shutdown (3 cycles)
For example: consider a platform with the following characteristics:
•
Platform SRAM can be accessed with one wait-state when viewed from the AMBA-AHB data
phase
•
All IPS reads require two wait-states, and IPS writes three wait-states, again viewed from the
system bus data phase
•
Platform operates at 150 MHz
For an SRAM to IPS transfer,
Eqn. 12-1
For an IPS to SRAM transfer,
Eqn. 12-2
Assuming an even distribution of the two transfer types, the average Peak Request Rate would be:
Eqn. 12-3
The minimum number of cycles to perform a single read/write, zero wait states on the system bus, from a
cold start (where no channel is executing, DMA is idle) are:
•
11 cycles for a software (TCD.start bit) request
•
12 cycles for a hardware (ipd_req signal) request
Two cycles account for the arbitration pipeline and one extra cycle on the hardware request resulting from
the internal registering of the ipd_req signals. For the peak request rate calculations above, the arbitration
and request registering is absorbed in or overlap the previous executing channel.
Note: When channel linking or scatter/gather is enabled, a two cycle delay is imposed on the next channel
selection and startup. This allows the link channel or the scatter/gather channel to be eligible and
considered in the arbitration pool for next channel selection.
Table 12-30. DMA Peak Request Rate [MReq/sec]
Platform Speed
Request Rate
(zero wait state)
Request Rate
(with wait states)
66.6 MHz
7.4
5.8
PEAKreq
150 MHz
41
1
+
()
13
+
() 3
++
+
[]cycles
-------------------------------------------------------------------------------------
11.5 M req/sec
==
PEAKreq
150 MHz
41
2
+
()
11
+
() 3
++
+
[]cycles
-------------------------------------------------------------------------------------
12.5 M req/sec
==
PEAKreq
11.5 M req/sec
12.5 M req/sec
+
2
--------------------------------------------------------------------------------------
12.0 M req/sec
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com