Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 316 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 316 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 312Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 313Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 314Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 315Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 316Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 317Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 318Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 319Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 320Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
238
Freescale Semiconductor
6. dma_engine writes: TCD.saddr = 0x1010, TCD.daddr = 0x2010, TCD.citer = 1,
7. dma_engine writes: TCD.active = 0,
8. the channel retires -> one iteration of the major loop
The DMA goes idle or services next channel.
9. second hardware (ipd_req) requests channel service,
10. the channel is selected by arbitration for servicing,
11. dma_engine writes: TCD.done = 0, TCD.start = 0, TCD.active = 1,
12. dma_engine reads: channel TCD data from local memory to internal register file,
13. the source to destination transfers are executed as follows:
a) read_byte(0x1010), read_byte(0x1011), read_byte(0x1012), read_byte(0x1013),
b) write_word(0x2010) -> first iteration of the minor loop
c) read_byte(0x1014), read_byte(0x1015), read_byte(0x1016), read_byte(0x1017),
d) write_word(0x2014) -> second iteration of the minor loop
e) read_byte(0x1018), read_byte(0x1019), read_byte(0x101a), read_byte(0x101b),
f) write_word(0x2018) -> third iteration of the minor loop
g) read_byte(0x101c), read_byte(0x101d), read_byte(0x101e), read_byte(0x101f),
h) write_word(0x201c) -> last iteration of the minor loop -> major loop complete
14. dma_engine writes: TCD.saddr = 0x1000, TCD.daddr = 0x2000, TCD.citer = 2 (TCD.biter),
15. dma_engine writes: TCD.active = 0, TCD.done = 1, DMAINT[n] = 1,
16. the channel retires -> major loop complete
The DMAgoes idle or services the next channel.
12.2.6.5
TCD Status
12.2.6.5.1
Minor loop complete
There are two methods to test for minor loop completion when using software initiated service requests.
The first method is to read the TCD.citer field and test for a change. Another method may be extracted
from the sequence shown below. The second method is to test the TCD.start bit AND the TCD.active bit.
The minor loop complete condition is indicated by both bits reading zero after the TCD.start was written
to a one. Polling the TCD.active bit may be inconclusive because the active status may be missed if the
channel execution is short in duration.
The TCD status bits execute the following sequence for a software activated channel:
1. TCD.start = 1, TCD.active = 0, TCD.done = 0 (channel service request via software)
2. TCD.start = 0, TCD.active = 1, TCD.done = 0 (channel is executing)
3. TCD.start = 0, TCD.active = 0, TCD.done = 0 (channel has completed the minor loop and is idle) or
4. TCD.start = 0, TCD.active = 0, TCD.done = 1 (channel has completed the major loop and is idle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com