Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 319 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 319 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 315Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 316Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 317Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 318Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 319Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 320Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 321Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 322Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 323Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
241
12.2.6.7.2
Dynamic channel linking and dynamic scatter/gather
Dynamic channel linking and dynamic scatter/gather is the process of changing the TCD.major.e_link or
TCD.e_sg bits during channel execution. These bits are read from the TCD local memory at the end of
channel execution thus allowing the user to enable either feature during channel execution.
Because the user is allowed to change the configuration during execution, a coherency model is needed.
Consider the scenario where the user attempts to execute a dynamic channel link by enabling the
TCD.major.e_link bit at the same time the dma_engine is retiring the channel. The TCD.major.e_link
would be set in the programmer’s model, but it would be unclear whether the actual link was made before
the channel retired.
The following coherency model is recommended when executing a dynamic channel link or dynamic
scatter/gather request:
1. set the TCD.major.e_link bit,
2. read back the TCD.major.e_link bit,
3. test the TCD.major.e_link request status:
a) if the bit is set, the dynamic link attempt was successful,
b) if the bit is cleared, the attempted dynamic link did not succeed, the channel was already
retiring.
This same coherency model is true for dynamic scatter/gather operations. For both dynamic requests, the
TCD local memory controller forces the TCD.major.e_link and TCD.e_sg bits to zero on any writes to a
channel’s TCD.word7 once that channel’s TCD.done bit is set indicating the major loop is complete.
Note: The user must clear the TCD.done bit before writing the TCD.major.e_link or TCD.e_sg bits. The
TCD.done bit is cleared automatically by the dma_engine once a channel begins execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com