Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 321 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 321 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 317Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 318Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 319Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 320Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 321Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 322Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 323Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 324Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
243
Chapter 13
Miscellaneous Control Module (MCM)
13.1
Introduction
The Miscellaneous Control Module (MCM), formerly known as the System Control Module (SCM),
provides a myriad of miscellaneous control functions for the device including program-visible information
about configuration and revision levels, a reset status register, a software watchdog timer, wakeup control
for exiting sleep modes, and optional features such as an address map for the device’s crossbar switch,
information on memory errors reported by error-correcting codes and/or generic access error information
for certain processor cores.
13.1.1
Overview
The Miscellaneous Control Module is mapped into the IPS space and supports a number of miscellaneous
control functions for the device.
13.1.2
Features
The MCM includes these features:
•
Program-visible information on the device configuration and revision
•
Reset status register (MRSR)
•
Software watchdog timer (SWT) with programmable system reset or interrupt response which runs
on a separate, asynchronous clock
•
Wakeup control for exiting sleep modes
•
Optional address map for device’s crossbar switch (AXBS)
•
Optional registers for capturing information on memory errors if error-correcting codes (ECC) are
implemented
•
Optional registers to specify the generation of single- and double-bit memory data inversions for
test purposes if error-correcting codes are implemented
•
Optional access address information for faulted memory accesses for certain processor core
micro-architectures, e.g. ARM7TDMI-S
•
Non-Maskable Interrupt with programmable polarity.
13.2
Memory Map/Register Definition
This section details the programming model for the Miscellaneous Control Module. This is a 128-byte
space mapped to the region serviced by an IPS bus controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com