Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 323 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 323 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 319Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 320Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 321Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 322Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 323Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 324Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 325Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 326Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 327Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
245
13.2.2
Register Descriptions
Attempted accesses to reserved addresses result in an error termination, while attempted writes to
read-only registers are ignored and do not terminate with an error. Unless noted otherwise, writes to the
programming model must match the size of the register, e.g., an n-bit register only supports n-bit writes,
etc. Attempted writes of a different size than the register width produce an error termination of the bus
cycle and no change to the targeted register.
13.2.2.1
Processor Core Type (PCT)
The PCT is a 16-bit read-only register specifying the architecture of the processor core in the device. The
state of this register is defined by a module input signal; it can only be read from the IPS programming
model. Any attempted write is ignored.
See Figure 13-1 and Table 13-2 for the Processor Core Type definition.
0x70 - 0x7c
Reserved
0x70
Core Fault Address (CFADR)
0x74
Reserved
Core Fault Location 1
(CFLOC1)
Core Fault Location
(CFLOC)
Core Fault Attributes
(CFATR)
0x78
Reserved
0x7c
Core Fault Data (CFDTR)
Register address: MCM Base + 0x00
15
14
13
12
11
10
9876543210
R
PCT[15:0]
W
Reset
PCT[15:0]
Figure 13-1. Processor Core Type (PCT) Register
Table 13-2. PCT Field Descriptions
Field
Description
15–0
PCT[15:0
Processor Core Type. The device supports ARM, ColdFire and PowerPC cores. The following values
identify the specific core complexes:
A700
ARM7
A900
ARM9
A110
ARM11
CF20
V2 ColdFire
CF30
V3 ColdFire
CF40
V4 ColdFire
CF50
V5 ColdFire
E650
Z650 PowerPC
Table 13-1. MCM 32-bit Memory Map (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com