Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 322 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 322 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 318Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 319Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 320Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 321Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 322Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 323Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 324Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 325Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
244
Freescale Semiconductor
13.2.1
Memory Map
The Miscellaneous Control Module does not include any logic which provides access control. Rather, this
function is supported using the standard access control logic provided by the IPS controller.
Table 13-1. MCM 32-bit Memory Map
MCM
Offset
Register
0x00
Processor Core Type (PCT)
Revision (REV)
0x04
AXBS Master Configuration
(AMC)
AXBS Slave Configuration
(ASC)
0x08
IPS Module Configuration (IMC)
0x0c
Reserved
Misc Reset Status
(MRSR)
0x10
Reserved
Misc Wakeup Control
(MWCR)
0x14
Reserved
Misc Software Watchdog Timer Control
(MSWTCR)
0x18
Reserved
Misc SWT
Service (MSWTSR)
0x1c
Reserved
Misc Interrupt
(MIR)
0x20
AXBS Address Map Register (AAMR)
0x24
Miscellaneous User-Defined Control Register (MUDCR)
0x28
Reserved
NMI Control (NMICR)
0x28
Reserved
0x2c
PPMRS
PPMRC
PPMRS1
PPMRC1
0x30
PPMRH[63:32]
0x34
PPMRL[31:0]
0x38
PPMR1H[63:32]
0x3c
PPMR1L[31:0]
0x40
Reserved
ECC Configuration
(ECR)
0x44
Reserved
ECC Status
(ESR)
0x48
Reserved
ECC Error Generation (EEGR)
0x4c
Reserved
0x50
Flash ECC Address (FEAR)
0x54
Reserved
Flash ECC Master
(FEMR)
Flash ECC Attributes
(FEAT)
0x58
Reserved
0x5c
Flash ECC Data (FEDR)
0x60
RAM ECC Address (REAR)
0x64
Reserved
RAM ECC Syndrome
(RESR)
RAM ECC Master
(REMR)
RAM ECC Attributes
(REAT)
0x68
Reserved
0x6c
RAM ECC Data (REDR)
0x40 - 0x6c
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com