Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 324 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 324 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 320Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 321Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 322Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 323Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 324Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 325Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 326Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 327Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 328Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
246
Freescale Semiconductor
13.2.2.2
Revision (REV)
The REV is a 16-bit read-only register specifying a revision number. The state of this register is defined
by an input signal; it can only be read from the IPS programming model. Any attempted write is ignored.
See Figure 13-2 and Table 13-3 for the Revision definition.
13.2.2.3
AXBS Master Configuration (AMC)
The AMC is a 16-bit read-only register identifying the presence/absence of bus master connections to the
device’s AMBA-AHB Crossbar Switch (AXBS). The state of this register is defined by a module input
signal; it can only be read from the IPS programming model. Any attempted write is ignored.
See Figure 13-3 and Table 13-4 for the AXBS Master Configuration definition.
Register address: MCM Base + 0x02
15
14
13
12
11
10
9876543210
R
REV[15:0]
W
Reset
REV[15:0]
Figure 13-2. Revision (REV) Register
Table 13-3. REV Field Descriptions
Field
Description
15–0
REV[15:0]
Revision. The REV[15:0] field is specified by an input signal to define a software-visible revision number.
Register address: MCM Base + 0x04
15
14
13
12
11
10
9876543210
R
00000000
AMC[7:0]
W
Reset
00000000
AMC[7:0]
Figure 13-3. AXBS Master Configuration (AMC) Register
Table 13-4. AMC Field Descriptions
Field
Description
15–8
Reserved, should be cleared.
7–0
AMC[7:0]
AXBS Master Configuration.
AMCn = 0 if a bus master connection to AXBS input port “n” is absent
AMCn = 1 if a bus master connection to AXBS input port “n” is present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com