Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 327 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 327 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 323Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 324Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 325Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 326Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 327Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 328Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 329Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 330Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 331Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
249
13.2.2.7
Miscellaneous Wakeup Control Register (MWCR)
Implementation of low-power sleep modes and exit from these modes via an interrupt require
communication between the MCM, the interrupt controller and external logic typically associated with
phase-locked loop clock generation circuitry. The Miscellaneous Wakeup Control Register (MWCR)
provides an 8-bit register controlling entry into these types of low-power modes as well as definition of
the interrupt level needed to exit the mode.
The following sequence of operations is generally needed to enable this functionality. Note that the exact
details are likely to be system-specific.
1. The processor core loads the appropriate data value into the MWCR, setting the ENBWCR bit and
the desired interrupt priority level.
2. At the appropriate time, the processor ceases execution. The exact mechanism varies by processor
core. In some cases, a processor-is-stopped status is signaled to the MCM and external logic. This
assertion, if properly enabled by MWCR[ENBWCR], causes the selected external, low-power
mode, as specified by MWCR[LPMD], to be entered, and the appropriate clock signals disabled.
In most implementations, there are multiple low-power modes, where the exact clocks to be
disabled vary across the different modes.
3. After entering the low-power mode, the interrupt controller enables a special combinational logic
path which evaluates all unmasked interrupt requests. The device remains in this mode until an
event which generates an unmasked interrupt request with a priority level greater than the value
programmed in the MWCR[PRILVL] occurs.
4. Once the appropriately-high interrupt request level arrives, the interrupt controller signals its
presence, and the MCM responds by asserting an “exit_low_power_mode” signal.
5. The external logic senses the assertion of the “exit” signal, and re-enables the appropriate clock
signals.
6. With the processor core clocks enabled, the core handles the pending interrupt request.
See Figure 13-7 and Table 13-8 for the Miscellaneous Wakeup Control Register definition.
5
SWTR
Software Watchdog Timer Reset.
1 Last recorded event was a reset caused by the MCM’s software watchdog timer.
4–0
Reserved, should be cleared.
Register address: MCM Base + 0x13
765
43210
R
ENBWCR
0
LPMD[1:0]
PRILVL[3:0]
W
Reset
00000000
Figure 13-7. Miscellaneous Wakeup Control (MWCR) Register
Table 13-7. MRSR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com