Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 331 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 331 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 327Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 328Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 329Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 330Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 331Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 332Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 333Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 334Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 335Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
253
out, writing to this register has no effect in negating the SWT interrupt or reset. Figure 13-9 illustrates the
MSWTSR.
If the software watchdog timer is enabled (MSWTCR[SWE] = 1), then any write of a data value other
than 0x55 or 0xAA generates an immediate system reset, regardless of the value in the MSWTCR[SWRI]
field.
13.2.2.10 Miscellaneous Interrupt Register (MIR)
All interrupt requests associated with MCM are collected in the MIR register. This includes the software
watchdog timer interrupt and the processor core system bus fault interrupt.
During the appropriate interrupt service routine handling these requests, the interrupt source contained in
the MCMIR must be explicitly cleared. See Figure 13-10 and Table 13-10.
Register address: MCM Base + 0x1b
765
43210
R
SWSR[7:0]
W
Reset
————————
Figure 13-9. Miscellaneous Software Watchdog Timer Service (MSWTSR) Register
Register address: MCM Base + 0x1f
765
43210
R
000000
CFEI
SWTIC
W
Reset
00000000
Figure 13-10. Miscellaneous Interrupt (MIR) Register
Table 13-10. MIR Field Descriptions
Field
Description
7–2
Reserved, should be cleeared.
1
CFEI
Code Fault Error Interrupt Flag.
0 An enabled processor core system bus fault has not occurred..
1 An enabled processor core system bus fault has occurred. The faulting address, attributes (and
possibly write data) are captured in the CFADR, CFATR, and CFDTR registers. The error interrupt is
only enabled if CFLOC[ECFEI] is set. The interrupt request is negated by writing a 1 to this bit. Writing
a 0 has no effect..
0
SWTIC
Software Watchdog Interrupt Flag.
0 An SWT interrupt has not occurred.
1 An SWT interrupt has occurred. The interrupt request is negated by writing a 1 to this bit. Writing a 0
has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com