Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 329 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 329 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 325Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 326Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 327Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 328Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 329Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 330Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 331Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 332Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
251
the watchdog timer is serviced anytime in the first 75% of the time-out period, an immediate system reset
occurs.
Throughout Section 13.2.2.8, “Miscellaneous Software Watchdog Timer Control Register (MSWTCR),
there are numerous references to the generation of a system reset. MCM’s behavior during this process is
detailed below. When the watchdog timer expires and MSWTCR[SWRI] is programmed for a reset (either
as the initial or secondary response), the MCM generates a watchdog timer reset output signal which is
driven off the device where it is typically combined with other reset signals and driven throughout the
system. The combined reset input signal is driven back to the device and MCM, where MRSR[SWTR] can
be set and the appropriate action taken by the core and device logic.
The watchdog timer logic also sends an interrupt request to the device’s interrupt controller.
To prevent the watchdog timer from interrupting or resetting, the MSWTSR must be serviced by
performing the following sequence:
•
Write 0x55 to the MSWTSR.
•
Write 0xAA to the MSWTSR.
Both writes must occur in this order before the time-out, but any number of instructions can be executed
between the two writes. This definition allows interrupts and exceptions to occur, if necessary, between
the two writes. The timer value is constantly compared with the time-out period specified by
MSWTCR[SWT]. Any write to the MSWTCR resets the watchdog timer. In addition, there is a read-only
control flag included in the MSWTCR to prevent accidental updates to this control register from changing
the desired system configuration.
If the second write occurs at the exact same cycle as the time-out condition is reached, the clear takes
precedence and the time-out response suppressed.
The MSWTCR controls the software watchdog timer, time-out periods, and time-out response. The
register can be read or written at any time. At system reset, the software watchdog timer is disabled. See
Figure 13-8 and Table 13-9 for the Miscellaneous Software Watchdog Timer Control Register definition.
Register address: MCM Base + 0x16
15
14
13
12
11
10
9876543210
R
RO
00000
SWE
SWRI[1:0]
SWT[4:0]
W
Reset
0000000000000000
Figure 13-8. Miscellaneous Software Watchdog Timer Control (MSWTCR) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com