Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 333 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 333 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 329Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 330Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 331Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 332Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 333Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 334Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 335Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 336Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 337Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
255
where aamr_init[7:0] is the value at reset controlled by the reset mode. The MCM only allows the
following values to be written to the AAMR[31:0] 0xF000_00{00, 08, 09, 0B, 80, 90, B0, 89, 8B, 98, 9B,
B8, B9, 99, and BB}. If the flash is not valid, 0x8 cannot be written to either of the two least-significant
nibbles of the AAMR. Likewise, if the EIM is not valid, 0x9 cannot be written to AAMR[7:4] or
AAMR[3:0]. The register will not update if an attempt is made to write an illegal value to the AAMR
register.
13.2.2.12 Miscellaneous User-Defined Control Register (MUDCR)
The MUDCR provides a program-visible register for user-defined control functions. It typically is used as
configuration control for miscellaneous SoC-level modules. The contents of this register is simply output
from MCM to other modules where the user-defined control functions are implemented. See Figure 13-12
and Table 13-12 for the Miscellaneous User-Defined Control Register definition.
Table 13-11. AAMR Field Descriptions
Field
Description
EAn
Enable Address Region n.
0 The 512 MByte address region associated with HADDR[31:29] = n is disabled, and not mapped to an
AXBS slave. Accesses to this memory region terminate with an error response.
1 The 512 MByte address region associated with HADDR[31:29] = n is enabled, and mapped to the
AXBS slave defined by AnSlave.
AnSlave
Address n Slave Number.
1AnSlave defines the AXBS slave mapped to the memory region defined by HADDR[31:29] = n
Register address: MCM Base + 0x24
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
MUDCR[31:16]
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R
MUDCR[15:0]
W
Reset
000000000000000
0
Figure 13-12. Miscellaneous User-Defined Control (MUDCR) Register
Table 13-12. MUDCR Field Descriptions
Field
Description
31–0
MUDCR
User-Defined control Register.
0 The control associated with this MUDCR bit is disabled.
1 The control associated with this MUDCR bit is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com