Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 335 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 335 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 331Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 332Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 333Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 334Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 335Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 336Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 337Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 338Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 339Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
257
Figure 13-14. Non-Maskable Interrupt Operation Timing
13.2.2.14 Peripheral Power Management Registers (PPMR)
The Miscellaneous Control Module implements two 64-bit IPS peripheral power management control
registers along with 4 additional registers for easy manipulation of these configuration registers.
13.2.2.14.1
Peripheral Power Management Set Register (PPMRS)
The PPMRS register provides a simple memory-mapped mechanism to set a given bit in the PPMR{H,L}
registers to disable the clock for a given IPS module without the need to perform a read-modify-write on
the PPMR. The data value on a register write causes the corresponding bit in the PPMR{H,L} register to
be set. A data value of 64 to 127 provides a global set function, forcing the entire contents of the
PPMR{H,L} to be set, disabling all IPS module clocks. Reads of this register return all zeroes. See
Figure 13-15 and Figure 13-14 for the PPMRS definition.
1
NMI_POL
Non-Maskable Interrupt Polarity.
0 Non-Maskable Interrupt is active low
1 Non-Maskable Interrupt is active high
0
NMI_ENB
Non-Maskable Interrupt Enable.
0 Non-Maskable Interrupt is disabled
1 Non-Maskable Interrupt is enabled
Table 13-13. NMICR Field Descriptions (Continued)
Field
Description
op1 if1 if2 if3 0xc
vec
idle
active_nmi
wf_nmi_negate
idle
clk
nmicr[nmi_enb]
nmicr[nmi_pol]
nmi_b
nmicr[nmi_pend]
fiq_b
irq_b
cpu_addr[*]
cpu_operand
cpu_data[*]
cpu_abort
nmi_fsm[*]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com