Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 339 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 339 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 335Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 336Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 337Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 338Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 339Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 340Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 341Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 342Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 343Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
261
13.2.2.14.6
Peripheral Power Management Register 1 (PPMR1{H,L})
The PPMR1{H,L} registers provide a bit map for controlling the generation of the module clocks for each
decoded address space associated with the optional AIPS1 controller. Recall each AIPS controller decodes
the mapped address space into sixty-four 16 KByte “slots” (32 on-platform and 32 off-platform) and a 63
MByte off-platform global region. The PPMR1 provides a unique control bit for each of these address
spaces that defines whether the module clock for the given space is enabled or disabled. It is software’s
responsibility to appropriately disable module clocks using the PPMR1 only when a module is completely
unused or quiescent.
The individual bits of the PPMR1 can be modified using a read-modify-write to this register directly or
indirectly through writes to the PPMRS1 and PPMRC1 registers to set/clear individual bits. If the static
module enable is negated, the appropriate PPMR1 bit is automatically set by MCM after the negation of
the platform reset and cannot be altered by any subsequent IPS writes.
See Figure 13-21, Figure 13-22, and Figure 13-19 for the PPMR1 definition.
Register address: MCM Base + 0x0034 (PPMRL)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
CD31 CD30 CD29 CD28 CD27 CD26 CD25 CD24 CD23 CD22
0
CD20 CD19 CD18 CD17
0
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R
CD15 CD14 CD13 CD12 CD11 CD10 CD09 CD08 CD07 CD06 CD05 CD04 CD03 CD02 CDG
0
W
Reset
000000000000000
0
Figure 13-20. Peripheral Power Management Register Low (PPMRL)
Table 13-18. Peripheral Power Management (PPMRH, PPMRL) Field Description
Field
Description
63–2
CD[63:2]
Clock Disable, Module Slot n.
0 The clock for this IPS module is enabled.
1 The clock for this IPS module is disabled.
1
CDG
0 The clock for the global IPS space is enabled.
1 The clock for the global IPS space is disabled.
0
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com