Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 338 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 338 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 334Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 335Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 336Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 337Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 338Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 339Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 340Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 341Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 342Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
260
Freescale Semiconductor
13.2.2.14.5
Peripheral Power Management Register (PPMR{H,L})
The PPMR{H,L} registers provide a bit map for controlling the generation of the module clocks for each
decoded address space associated with the AIPS controller. Each AIPS controller decodes the mapped
address space into sixty-four 16 KByte “slots” (32 on-platform and 32 off-platform) plus a 63 MByte
off-platform global region. The PPMR provides a unique control bit for each of these address spaces that
defines whether the module clock for the given space is enabled or disabled. It is software’s responsibility
to appropriately disable module clocks using the PPMR only when a module is completely unused or
quiescent.
Since the operation of the crossbar switch, the AIPS controller and the Miscellaneous Control Module
(MCM) are fundamental to the operation of the core platform, the clocks for these three modules cannot
be disabled.
The individual bits of the PPMR can be modified using a read-modify-write to this register directly or
indirectly through writes to the PPMRS and PPMRC registers to set/clear individual bits. If the static
module enable is negated, the appropriate PPMR bit is automatically set by MCM after the negation of the
platform reset and cannot be altered by any subsequent IPS writes.
See Figure 13-19, Figure 13-20, and Figure 13-18 for the PPMR definition.
Table 13-17. Peripheral Power Management Clear 1 (PPMRC1) Field Descriptions
Field
Description
7
Reserved, should be cleared.
6–0
PPMRC1[6:0]
Clear Module Clock Disable.
0-63
Clear corresponding bit in PPMR1{H,L}, enabling the module clock.
64-127 Clear all bits in PPMR1{H,L}, enabling all the module clocks.
Register address: MCM Base + 0x0030 (PPMRH)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
CD63 CD62 CD61 CD60 CD59 CD58 CD57 CD56 CD55 CD54 CD53 CD52 CD51 CD50 CD49 CD48
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R
CD47 CD46 CD45 CD44 CD43 CD42 CD41 CD40 CD39 CD38 CD37 CD36 CD35 CD34 CD33 CD32
W
Reset
000000000000000
0
Figure 13-19. Peripheral Power Management Register High (PPMRH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com