Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 341 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 341 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 337Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 338Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 339Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 340Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 341Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 342Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 343Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 344Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 345Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
263
13.2.2.15 ECC Registers
For designs including error-correcting code (ECC) implementations to improve the quality and reliability
of memories, there are a number of program-visible registers for the sole purpose of reporting and logging
of memory failures. These optional registers include:
•
ECC Configuration Register (ECR)
•
ECC Status Register (ESR)
•
ECC Error Generation Register (EEGR)
•
Flash ECC Address Register (FEAR)
•
Flash ECC Master Number Register (FEMR)
•
Flash ECC Attributes Register (FEAT)
•
Flash ECC Data Register (FEDR)
•
RAM ECC Address Register (REAR)
•
RAM ECC Syndrome Register (RESR)
•
RAM ECC Master Number Register (REMR)
•
RAM ECC Attributes Register (REAT)
•
RAM ECC Data Register (REDR)
The details on the ECC registers are provided in the subsequent sections. If the design does not include
ECC on the memories, these addresses are reserved locations within the MCM’s programming model.
13.2.2.15.1
ECC Configuration Register (ECR)
The ECC Configuration Register is an 8-bit control register for specifying which types of memory errors
are reported. In all systems with ECC, the occurrence of a non-correctable error causes the current access
to be terminated with an error condition. In many cases, this error termination is reported directly by the
initiating bus master. However, there are certain situations where the occurrence of this type of
non-correctable error is not reported by the master. Examples include speculative instruction fetches which
are discarded due to a change-of-flow operation, and buffered operand writes. The ECC reporting logic in
the MCM provides an optional error interrupt mechanism to signal all non-correctable memory errors. In
addition to the interrupt generation, the MCM captures specific information (memory address, attributes
and data, bus master number, etc.) which may be useful for subsequent failure analysis.
The reporting of single-bit memory corrections can only be enabled via a an SoC-configurable module
input signal. While not directly accessible to a user, this capability is viewed as important for error logging
and failure analysis.
See Figure 13-23 and Table 13-20 for the ECC Configuration Register definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com