Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 345 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 345 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 341Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 342Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 343Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 344Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 345Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 346Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 347Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
267
For both types of memories (RAM and flash), the intent is to generate errors during data write cycles, such
that subsequent reads of the corrupted address locations generate ECC events, either single-bit corrections
or double-bit non-correctable errors that are terminated with an error response.
The enabling of these error generation modes requires the same SoC-configurable input enable signal (as
that used to enable single-bit correction reporting) be asserted.
See Figure 13-25 and Table 13-22 for the ECC Configuration Register definition.
If an attempt to force a non-correctable inversion (by asserting EEGR[FRCNCI] or EEGR[FRC1NCI])
and EEGR[ERRBIT] equals 64, then no data inversion will be generated.
Register address: MCM Base + 0x4a
15
14
13
12
11
10
9876543210
R0
0
00
0
ERRBIT[6:0]
W
Reset
000000000000000
0
Figure 13-25. ECC Error Generation (EEGR) Register
Table 13-22. EEGR Field Descriptions
Field
Description
15–14
Reserved, should be cleared.
13
FRC1BI
Force RAM Continuous 1-Bit Data Inversions.
0 No RAM continuous 1-bit data inversions are generated.
1 1-bit data inversions in the RAM are continuously generated.
The assertion of this bit forces the RAM controller to create 1-bit data inversions, as defined by the bit
position specified in ERRBIT[6:0], continuously on every write operation.
The normal ECC generation takes place in the RAM controller, but then the polarity of the bit position
defined by ERRBIT is inverted to introduce a 1-bit ECC event in the RAM.
After this bit has been enabled to generate another continuous 1-bit data inversion, it must be cleared
before being set again to properly re-enable the error generation logic.
This bit can only be set if the same SoC configurable input enable signal (as that used to enable single-bit
correction reporting) is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com