Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 346 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 346 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 342Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 343Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 344Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 345Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 346Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 347Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
268
Freescale Semiconductor
12
FR11BI
Force RAM One 1-bit Data Inversion.
0 No RAM single 1-bit data inversion is generated.
1 One 1-bit data inversion in the RAM is generated.
The assertion of this bit forces the RAM controller to create one 1-bit data inversion, as defined by the bit
position specified in ERRBIT[6:0], on the first write operation after this bit is set.
The normal ECC generation takes place in the RAM controller, but then the polarity of the bit position
defined by ERRBIT is inverted to introduce a 1-bit ECC event in the RAM.
After this bit has been enabled to generate a single 1-bit data inversion, it must be cleared before being
set again to properly re-enable the error generation logic.
This bit can only be set if the same SoC configurable input enable signal (as that used to enable single-bit
correction reporting) is asserted.
11–10
Reserved, should be cleared.
9
FRCNCI
Force RAM Continuous Non-correctable Data Inversions.
0 No RAM continuous 2-bit data inversions are generated.
1 2-bit data inversions in the RAM are continuously generated.
The assertion of this bit forces the RAM controller to create 2-bit data inversions, as defined by the bit
position specified in ERRBIT[6:0] and the overall odd parity bit, continuously on every write operation.
After this bit has been enabled to generate another continuous non-correctable data inversion, it must be
cleared before being set again to properly re-enable the error generation logic.
The normal ECC generation takes place in the RAM controller, but then the polarity of the bit position
defined by ERRBIT and the overall odd parity bit are inverted to introduce a 2-bit ECC error in the RAM.
8
FR1NCI
Force RAM One Non-correctable Data Inversions.
0 No RAM single 2-bit data inversions are generated.
1 One 2-bit data inversion in the RAM is generated.
The assertion of this bit forces the RAM controller to create one 2-bit data inversion, as defined by the bit
position specified in ERRBIT[6:0] and the overall odd parity bit, on the first write operation after this bit is
set.
The normal ECC generation takes place in the RAM controller, but then the polarity of the bit position
defined by ERRBIT and the overall odd parity bit are inverted to introduce a 2-bit ECC error in the RAM.
After this bit has been enabled to generate a single 2-bit error, it must be cleared before being set again
to properly re-enable the error generation logic.
Table 13-22. EEGR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com