Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 344 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 344 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 340Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 341Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 342Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 343Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 344Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 345Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 346Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 347Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
266
Freescale Semiconductor
13.2.2.15.3
ECC Error Generation Register (EEGR)
The ECC Error Generation Register is a 16-bit control register used to force the generation of single- and
double-bit data inversions in the memories with ECC, most notably the RAM. This capability is provided
for two purposes:
•
It provides a software-controlled mechanism for “injecting” errors into the memories during data
writes to verify the integrity of the ECC logic.
•
It provides a mechanism to allow testing of the software service routines associated with memory
error logging.
It should be noted that while the EEGR is associated with the RAM, similar capabilities exist for the flash,
i.e., the ability to program the non-volatile memory with single- or double-bit errors is supported for the
same two reasons previously identified.
Table 13-21. ESR Field Descriptions
Field
Description
7–6
Reserved, should be cleared.
5
R1BC
RAM 1-bit Correction.
0 No reportable single-bit RAM correction has been detected.
1 A reportable single-bit RAM correction has been detected.
This bit can only be set if ECR[EPR1BR] is asserted. The occurrence of a properly-enabled single-bit
RAM correction generates a MCM ECC interrupt request. The address, attributes and data are also
captured in the REAR, RESR, REMR, REAT and REDR registers. To clear this interrupt flag, write a 1 to
this bit. Writing a 0 has no effect.
4
F1BC
Flash 1-bit Correction.
0 No reportable single-bit flash correction has been detected.
1 A reportable single-bit flash correction has been detected.
This bit can only be set if ECR[EPF1BR] is asserted. The occurrence of a properly-enabled single-bit
flash correction generates a MCM ECC interrupt request. The address, attributes and data are also
captured in the FEAR, FEMR, FEAT and FEDR registers. To clear this interrupt flag, write a 1 to this bit.
Writing a 0 has no effect.
3–2
Reserved, should be cleared.
1
RNCE
RAM Non-Correctable Error.
0 No reportable non-correctable RAM error has been detected.
1 = A reportable non-correctable RAM error has been detected.
The occurrence of a properly-enabled non-correctable RAM error generates a MCM ECC interrupt
request. The faulting address, attributes and data are also captured in the REAR, RESR, REMR, REAT
and REDR registers. To clear this interrupt flag, write a 1 to this bit. Writing a 0 has no effect.
0
FNCE
Flash Non-Correctable Error.
0 No reportable non-correctable flash error has been detected.
1 A reportable non-correctable flash error has been detected.
The occurrence of a properly-enabled non-correctable flash error generates a MCM ECC interrupt
request. The faulting address, attributes and data are also captured in the FEAR, FEMR, FEAT and FEDR
registers. To clear this interrupt flag, write a 1 to this bit. Writing a 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com