Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 347 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 347 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 343Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 344Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 345Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 346Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 347Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
269
The only allowable values for the 4 control bit enables {FR11BI, FRC1BI, FRCNCI, FR1NCI} are
{0,0,0,0}, {1,0,0,0}, {0,1,0,0}, {0,0,1,0} and {0,0,0,1}. All other values result in undefined behavior.
13.2.2.15.4
Flash ECC Address Register (FEAR)
The FEAR is a 32-bit register for capturing the address of the last, properly-enabled ECC event in the flash
memory. Depending on the state of the ECC Configuration Register, an ECC event in the flash causes the
address, attributes and data associated with the access to be loaded into the FEAR, FEMR, FEAT and
FEDR registers, and the appropriate flag (F1BC or FNCE) in the ECC Status Register to be asserted.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-26 and Table 13-23 for the Flash ECC Address Register definition.
7
Reserved, should be cleared.
6–0
ERRBIT[6:0]
Error Bit Position. The vector defines the bit position which is complemented to create the data inversion
on the write operation. For the creation of 2-bit data inversions, the bit specified by this field plus the odd
parity bit of the ECC code are inverted.
The RAM controller follows a vector bit ordering scheme where LSB=0. Errors in the ECC syndrome bits
can be generated by setting this field to a value greater than the RAM width. For example, consider a
32-bit RAM implementation.
The 32-bit ECC approach requires 7 code bits for a 32-bit word. For PRAM data width of 32 bits, the actual
SRAM (32b data + 7b for ECC) = 39 bits. The following association between the ERRBIT field and the
corrupted memory bit is defined:
if ERRBIT = 0, then RAM[0] of the odd bank is inverted
if ERRBIT = 1, then RAM[1] of the odd bank is inverted
...
if ERRBIT = 31, then RAM[31] of the odd bank is inverted
if ERRBIT = 64,then ECC Parity[0] of the odd bank is inverted
if ERRBIT = 65,then ECC Parity[1] of the odd bank is inverted
...
if ERRBIT = 70,then ECC Parity[6] of the odd bank is inverted
For ERRBIT values of 32 to 63 and greater than 70, no bit position is inverted.
Table 13-22. EEGR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com