Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 351 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 351 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 347Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
273
13.2.2.15.9
RAM ECC Syndrome Register (RESR)
The RESR is an 8-bit register for capturing the error syndrome of the last, properly-enabled ECC event in
the RAM memory. Depending on the state of the ECC Configuration Register, an ECC event in the RAM
causes the address, attributes and data associated with the access to be loaded into the REAR, RESR,
REMR, REAT and REDR registers, and the appropriate flag (R1BC or RNCE) in the ECC Status Register
to be asserted.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-32 and Table 13-28 for the RAM ECC Syndrome Register definition.
Register address: MCM Base + 0x60
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
REAR[31:16]
W
Reset
————————————————
15
14
13
12
11
10
9876543210
RREAR[15:0]
W
Reset
————————————————
Figure 13-31. RAM ECC Address (REAR) Register
Table 13-27. REAR Field Descriptions
Field
Description
31–0
REAR[31:0]
RAM ECC Address Register. This 32-bit register contains the faulting access address of the last,
properly-enabled RAM ECC event.
Register address: MCM Base + 0x65
765
43210
RRESR[7:0]
W
Reset
————————
Figure 13-32. RAM ECC Syndrome (RESR) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com