Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 354 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 354 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 357Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 358Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
276
Freescale Semiconductor
13.2.2.15.12 RAM ECC Data Register (REDR)
The REDR is a 32-bit register for capturing the data associated with the last, properly-enabled ECC event
in the RAM memory. Depending on the state of the ECC Configuration Register, an ECC event in the
RAM causes the address, attributes and data associated with the access to be loaded into the REAR, RESR,
REMR, REAT and REDR registers, and the appropriate flag (R1BC or RNCE) in the ECC Status Register
to be asserted.
The data captured on a multi-bit non-correctable ECC error is undefined.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-35 and Table 13-32 for the RAM ECC Data Register definition.
Table 13-31. REAT Field Descriptions
Field
Description
7
Write
AMBA-AHB HWRITE.
0 AMBA-AHB read access
1 AMBA-AHB write access
6–4
Size[2:0]
AMBA-AHB HSIZE[2:0].
000 8-bit AMBA-AHB access
001 16-bit AMBA-AHB access
010 32-bit AMBA-AHB access
011 Reserved
1xx Reserved
3–0
Protection[3:0]
AMBA-AHB HPROT[3:0].
Protection[3]: Cacheable
0 Non-cacheable
1 Cacheable
Protection[2]: Bufferable
0 Non-bufferable
1Bufferable
Protection[1]: Mode
0 User mode
1 Supervisor mode
Protection[0]: Type
0I-Fetch
1 Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com