Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 357Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 358Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 359Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 360Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 361Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
280
Freescale Semiconductor
13.2.2.16.5
Core Fault Data Register (CFDTR)
The CFDTR is a 32-bit register for capturing the data associated with the last faulted processor write data
access from the device’s AMBA-AHB bus. The CFDTR is valid only for faulted AMBA-AHB write
accesses. The contents of this register are not valid if the last fault occurred on the core’s local bus
(CFLOC[LocalErr] = 1). This register is not updated on AMBA-AHB read access faults.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-40 and Table 13-37 for the Core Fault Data Register definition.
Table 13-36. CFATR Field Descriptions
Field
Description
7
Write
WRITE.
0 Core read access
1 Core write access
6–4
Size[2:0]
SIZE[2:0].
000 8-bit core access
001 16-bit core access
010 32-bit core access
011 64-bit core access
1xx Reserved
3–0
Protection[3:0]
PROT[3:0].
Protection[3]: Cacheable
0 Non-cacheable
1 Cacheable
Protection[2]: Bufferable
0 Non-bufferable
1Bufferable
Protection[1]: Mode
0 User mode
1 Supervisor mode
Protection[0]: Type
1 Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com