Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 356 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 356 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 357Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 358Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 359Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 360Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
278
Freescale Semiconductor
13.2.2.16.2
Core Fault Location/Interrupt Enable Register (CFLOC1)
The CFLOC1 is an 8-bit register with multiple functions for SPP implementations. For SPP_Ref_CFx
designs, this register contains a 1-bit enable to generate an error interrupt on the detection of a faulted
processor AHB system bus cycle. See Table 13-37 and Table 13-34 for the Core Fault Location Register
definition.
Register address: MCM Base + 0x70
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
CFADR[31:16]
W
Reset
————————————————
15
14
13
12
11
10
9876543210
R
CFADR[15:0]
W
Reset
————————————————
Figure 13-36. Core Fault Address (CFADR) Register
Table 13-33. CFADR Field Descriptions
Field
Description
31–0
CFADR[31:0]
Core Fault Address Register. This 32-bit register contains the faulting address of the last core data access
terminated with an error response.
Register address: MCM Base + 0x75
765
43210
R
0000000
ECFEI
W
Reset
—
0000000
Figure 13-37. Core Fault Location 1 (CFLOC1) Register
Table 13-34. Core Fault Location 1 (CFLOC1) Field Descriptions
Field
Description
7–1
Reserved, should be cleared.
0
ECFEI
Enable Core Fault Error Interrupt.
0 Do not generate an error interrupt on a faulted processor system bus cycle.
1 Generate an error interrupt on a faulted processor system bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com