Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 353 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 353 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 357Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
275
the RAM causes the address, attributes and data associated with the access to be loaded into the REAR,
RESR, REMR, REAT and REDR registers, and the appropriate flag (R1BC or RNCE) in the ECC Status
Register to be asserted.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-33 and Table 13-30 for the RAM ECC Master Number Register definition.
13.2.2.15.11 RAM ECC Attributes Register (REAT)
The REAT is an 8-bit register for capturing the AXBS bus master attributes of the last, properly-enabled
ECC event in the RAM memory. Depending on the state of the ECC Configuration Register, an ECC event
in the RAM causes the address, attributes and data associated with the access to be loaded into the REAR,
RESR, REMR, REAT and REDR registers, and the appropriate flag (R1BC or RNCE) in the ECC Status
Register to be asserted.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-34 and Table 13-31 for the RAM ECC Attributes Register definition.
Register address: MCM Base + 0x66
765
43210
R
0000
REMR[3:0]
W
Reset
0000
————
Figure 13-33. RAM ECC Master Number (REMR) Register
Table 13-30. REMR Field Descriptions
Field
Description
7–4
Reserved, should be cleared.
3–0
REMR[3:0]
RAMECC Master Number Register. This 4-bit register contains the AXBS bus master number of the
faulting access of the last, properly-enabled RAM ECC event.
Register address: MCM Base + 0x67
765
43210
R
Write
Size[2:0]
Protection[3:0]
W
Reset
————————
Figure 13-34. RAM ECC Attributes (REAT) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com