Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 352 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 352 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 348Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 349Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 350Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
274
Freescale Semiconductor
Table 13-29 associates the upper 7 bits of the ECC syndrome with the exact data bit in error for single-bit
correctable codewords. This table follows the bit vectoring notation where the LSB=0. Note that the
syndrome value of 0x01 implies no error condition but this value is not readable when the PRESR is read
for the no error case.
13.2.2.15.10 RAM ECC Master Number Register (REMR)
The REMR is a 4-bit register for capturing the AXBS bus master number of the last, properly-enabled ECC
event in the RAM memory. Depending on the state of the ECC Configuration Register, an ECC event in
Table 13-28. RESR Field Descriptions
Field
Description
7–0
RESR[7:0]
RAM ECC Syndrome Register. This 8-bit syndrome field includes 6 bits of Hamming decoded parity plus
an odd-parity bit for the entire 39-bit (32-bit data + 7 ECC) code word. The upper 7 bits of the syndrome
specify the exact bit position in error for single-bit correctable codewords, and the combination of a
non-zero 7-bit syndrome plus overall incorrect parity bit signal a multi-bit, non-correctable error.
For correctable single-bit errors, the mapping shown in Table 13-29 associates the upper 7 bits of the
syndrome with the data bit in error.
Table 13-29. RAM Syndrome Mapping for Single-Bit Correctable Errors
RESR[7:0]
Data Bit in Error
RESR[7:0]
Data Bit in Error
0x00
ECC ODD[0]
0x28
DATA ODD BANK[17]
0x01
No Error
0x2a
DATA ODD BANK[16
0x02
ECC ODD[1]
0x2c
DATA ODD BANK[15]
0x04
ECC ODD[2]
0x58
DATA ODD BANK[14]
0x06
DATA ODD BANK[31]
0x30
DATA ODD BANK[13]
0x08
ECC ODD[3]
0x32
DATA ODD BANK[12]
0x0a
DATA ODD BANK[30]
0x34
DATA ODD BANK[11]
0x0c
DATA ODD BANK[29]
0x64
DATA ODD BANK[10]
0x0e
DATA ODD BANK[28]
0x38
DATA ODD BANK[9]
0x10
ECC ODD[4]
0x62
DATA ODD BANK[8]
0x12
DATA ODD BANK[27]
0x70
DATA ODD BANK[7]
0x14
DATA ODD BANK[26]
0x60
DATA ODD BANK[6]
0x16
DATA ODD BANK[25]
0x40
ECC ODD[6]
0x18
DATA ODD BANK[24]
0x42
DATA ODD BANK[5]
0x1a
DATA ODD BANK[23]
0x44
DATA ODD BANK[4]
0x1c
DATA ODD BANK[22]
0x46
DATA ODD BANK[3]
0x50
DATA ODD BANK[21]
0x48
DATA ODD BANK[2]
0x20
ECC ODD[5]
0x4a
DATA ODD BANK[1]
0x22
DATA ODD BANK[20]
0x4c
DATA ODD BANK[0]
0x24
DATA ODD BANK[19]
0x03,0x05........0x4d
Multiple bit error
0x26
DATA ODD BANK[18]
> 0x4d
Multiple bit error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com