Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 355 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 355 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 351Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 352Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 357Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 358Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 359Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
277
13.2.2.16 Core Data Fault Recovery Registers
To aid in recovery from certain types of data access errors, the MCM module optionally supports a number
of registers which capture access address, attribute and data information on bus cycles terminated with an
error response. These registers can then be read during the resulting exception service routine and the
appropriate recovery performed.
The details on the core fault recovery registers are provided in the subsequent sections. It is important to
note these registers are used to capture fault recovery information only on data access faults, i.e., no
information is captured on instruction fetch faults. If the design does not include the fault recovery
registers, these addresses are reserved locations within the MCM’s programming model.
13.2.2.16.1
Core Fault Address Register (CFADR)
The CFADR is a 32-bit register for capturing the address of the last core data access which was terminated
with an error response. This register can only be read from the IPS programming model; any attempted
write is ignored. See Figure 13-36 and Table 13-33 for the Core Fault Address Register definition.
Register address: MCM Base +0x6c
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
REDR[31:16]
W
Reset
————————————————
15
14
13
12
11
10
9876543210
RREDR[15:0]
W
Reset
————————————————
Figure 13-35. RAM ECC Data (REDR) Register
Table 13-32. REDR Field Descriptions
Field
Description
31–0
REDR[31:0]
RAM ECC Data Register. This 32-bit register contains the data associated with the faulting access of the
last, properly-enabled RAM ECC event. The register contains the data value taken directly from the data
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com