Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 357 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 357 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 353Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 354Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 355Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 356Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 357Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 358Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 359Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 360Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 361Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
279
13.2.2.16.3
Core Fault Location Register (CFLOC)
The CFLOC is a 1-bit register indicating the exact location of the captured fault information: a
AMBA-AHB data access or a data access to a tightly-coupled core local memory. This register can only
be read from the IPS programming model; any attempted write is ignored. See Table 13-38 and
Table 13-35 for the Core Fault Location Register definition.
13.2.2.16.4
Core Fault Attributes Register (CFATR)
The CFATR is an 8-bit register for capturing the processor’s attributes of the last faulted data access to the
AMBA-AHB or core’s local bus.
This register can only be read from the IPS programming model; any attempted write is ignored. See
Figure 13-39 and Table 13-36 for the Core Fault Attributes Register definition.
Register address: MCM Base + 0x76
765
43210
R
LocalErr
0000000
W
Reset
—
0000000
Figure 13-38. Core Fault Location (CFLOC) Register
Table 13-35. CFLOC Field Descriptions
Field
Description
7
LocalErr
Bus Error Indicator.
0 Error occurred on the AMBA-AHB bus
1 Error occurred on the processor core’s local bus
Register address: MCM Base + 0x77
76543210
R
Write
Size[2:0]
Protection[3:0]
W
Reset
—
———————
Figure 13-39. Core Fault Attributes (CFATR) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com