| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 361 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 361 Page - Freescale Semiconductor, Inc |
|
361 / 976 page ![]() MCM as Implemented on MAC7200 MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 283 13.3.2.2 Revision ID (REV) This 16-bit register identifies the revision ID of the device. 13.3.2.3 AXBS Master/Slave Configuration The AMC and ASC registers in the MCM indicate the presence of AXBS masters and slaves. Please refer to Chapter 15, “MAC7200 Crossbar Switch (AXBS)” for a listing of which AXBS masters/slaves are present on the MAC72xx. 13.3.2.4 Misc. Reset Status Register (MRSR) On the MAC72xx, all reset sources all consolidated into the CRG module. Therefore, this feature in the MCM will not be used, and will be removed from the MCM Block Guide for the MAC72xx. 13.3.2.5 Misc. Wakeup Control Register (MWCR) Since the MAC72xx only supports DOZE mode, this register is used to control wake-up from DOZE mode with an interrupt. STOP mode is not supported. 13.3.2.6 Software Watchdog Timer (SWT) The SWT will interrupt the processor periodically to request servicing (in order to prevent software deadlock or runaway). The SWT includes enable/disable, interrupt/reset and programmable period functionality. The SWT interrupt is connected to on-platform interrupt Request #17, and the SWT reset signal will be fed off-platform to the CRG to allow for soft-reset on a SWT timeout. The SWT clock may be fed from either the oscillator clock, in normal mode, or from the PLL, when the system enters Self Clock Mode. By programming the BDMCTL register in the CRG module, the system can automatically stop and start the SWT counters when the system enters debug mode. ColdFire v4 $CF40 ColdFire v5 $CF50 Z650 PowerPC $E650 Table 13-40. MAC72xx PCT and REV registers Device PCT REV MAC72x2 (0M84D Maskset) $A700 $7220 1 1. Due to erratum MUCts03562, 0M84D and 1M84D masks share the same revision number MAC72x2 (1M84D Maskset) $A700 $7220 1 MAC72x1 (0M19G Maskset) $A700 $7230 Table 13-39. Processor Core Type (PCT) Values (Continued) Core PCT Comment |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |