Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 362 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 358Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 359Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 360Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 361Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 362Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 363Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 364Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 365Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 976 page
background image
MCM as Implemented on MAC7200
MAC7200 Microcontroller Family Reference Manual, Rev. 2
284
Freescale Semiconductor
13.3.2.7
AXBS Address Map Register (AAMR)
This 32-bit register controls the address mapping for each of the 8 possible AXBS slaves. Please refer to
Section 9.16.4, “Programming the AAMR register in the MCM” for more details on the AAMR
functionality.
13.3.2.8
Misc. User-Defined Control Register (MUDCR)
The MUDCR register will be used on the MAC72xx as the Write Access Control (WACC) register for the
main Flash array. Please refer to Section 18.7.4.2, “Flash MCM Registers” for more information on the
WACC register.
13.3.2.9
ECC
Both the on-chip RAM and Flash memories include ECC with 2-bit detection/1-bit correction. The MCM
ECC registers include a variety of features to utilize the ECC, including full reporting features. Because
the ARM7 core supports Pre-fetch (Instruction) and Data aborts, all code for servicing both of these
exceptions should make use of the ECC reporting registers in the MCM.
13.3.2.10 Fault Registers
The MCM provides several registers that can be used by the Pre-fetch Abort and Data Abort exception
handlers to determine the exact location and type of an illegal instruction or data fetch. Please refer to
Section 7.2.4, “Prefetch (Instruction) Abort” for a list of bus abort sources.
13.3.2.11 Non-Maskable Interrupt (NMI)
Please refer to Section 7.3.4, “Non-Maskable Interrupt (NMI)” for details on the Non-Maskable Interrupt.
The MCM allows enabling/disabling of the NMI feature, as well as polarity configuration and NMI status
information.
13.3.3
MCM External Pins
There are no MCM signals that drive or are driven from MCU pins.
13.3.4
MCM Bus Aborts
The MCM module supports Peripheral Bus bus aborts, and enforces the following memory map:
Table 13-41. MCM Bus Aborts
Abort
Allowed
$0000-$000b
$000c-$000e
$000f
$0010-$0012
$0013
$0014-$0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com