Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 364 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 364 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 360Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 361Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 362Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 363Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 364Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 365Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 366Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 367Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 368Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 976 page
background image
MCM as Implemented on MAC7200
MAC7200 Microcontroller Family Reference Manual, Rev. 2
286
Freescale Semiconductor
•
Added NMI functionality and NMICR register
•
Changed AAMR reset value from $F000_xxxx to $F0D0_xxxx
•
Added MUDCR register (used as the Flash main array WACC register)
•
REV register value is changed to $7210 (PCT is unchanged)
•
Single bit ECC error reporting is now enabled (enb_ecc_rpt = 1)
•
ECC interrupt (ipi_ecc_int) now used (with Request $0017)
13.3.6
MCM Application Usage
Unless explicitly described below, all application information can be found in the MCM Block Guide.
13.3.6.1
Enabling the MCM
It is not necessary to enable the MCM before it can be used.
13.3.6.2
ECC
For special memory initialization requirements of the SRAM, please refer to Section 19.1.6, “SRAM
Application Usage”.
13.3.6.3
Flash
Please refer to Section 18.7.4.2, “Flash MCM Registers”.
13.3.6.4
AAMR
For information on how to use the AAMR register, please refer to Section 9.16.4, “Programming the
AAMR register in the MCM”.
13.3.6.5
NMI
For more information on NMI implementation and usage, please refer to Section 7.3.4, “Non-Maskable
Interrupt (NMI)”. In particular, the following usage points should be noted:
•
Existing Instruction Abort service routines must be modified in order to use the NMI feature.
•
The NMI may be used either in a re-entrant or non re-entrant manner, selectable in software.
•
Once the NMI is enabled, and the polarity set, it can not be disabled or the polarity changed without
resetting the device.
13.3.6.6
REV Register
The lower 4 bits of the REV register are used to indicate the mask revision for a particular device, and are
also readable directly through the JTAG interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com