Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 368 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 368 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 364Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 365Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 366Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 367Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 368Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 369Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 370Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 371Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 372Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 976 page
background image
The Interrupt Controller Module (INTC)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
290
Freescale Semiconductor
•
If the interrupt vector number returns less than 64 (i.e.-63 or less), this indicates a spurious
interrupt. A spurious interrupt is an interrupt that has been cleared before it was serviced. Since all
interrupt sources on the MAC72xx require explicit clearing, this indicates either a software
problem or an external interrupt that is self clearing.
14.6.1
Enabling the INTC
It is not necessary to enable the Interrupt Controller before it can be used. However, by default after reset,
no interrupts are enabled. Please refer to the INTC Block Guide for information about initialization of the
Interrupt Controller.
14.7
The Interrupt Controller Module (INTC)
For the required controller, the 64 fully-programmable interrupt sources service both the on-platform
peripherals as well as providing interrupt support for off-platform logic. The split between
off-/on-platform interrupt sources is dependent upon the exact platform peripheral configuration and the
number of sources needed to support it. Typically, the optional interrupt controllers support off-platform
requests.
Figure 14-1 presents a simplified block diagram for the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com