Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 371 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 371 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 367Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 368Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 369Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 370Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 371Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 372Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 373Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 374Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 375Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
293
The registers and their locations are defined in Table 14-5. The INTC module does not include any logic
which provides access control. Rather, this function is supported using the standard access control logic
provided by the AIPS controller. Attempted accesses to the reserved locations are terminated with an error.
Table 14-5 is a 32-bit view of the INTC’s memory map.
Table 14-5. INTC 32-bit Memory Map
INTC Offset
Register
0x0000
Interrupt Pending Register High (IPRH, Requests 63-32)
0x0004
Interrupt Pending Register Low (IPRL, Requests 31-00)
0x0008
Interrupt Mask Register High (IMRH, Requests 63-32)
0x000c
Interrupt Mask Register Low (IMRL, Requests 31-00)
0x0010
Interrupt Force Register High (INTFRCH, Requests 63-32)
0x0014
Interrupt Force Register Low (INTFRCL, Requests 31-00)
0x0018
Reserved
Interrupt Config
Register (ICONFIG)
0x001c
Set Interrupt Mask
(SIMR)
Clear Interrupt Mask
(CIMR)
Current Level Mask
(CLMASK)
Saved Level Mask
(SLMASK)
0x0020-0x003c
Reserved
0x0040
Interrupt Control
Register 0 (ICR00)
Interrupt Control
Register 1 (ICR01)
Interrupt Control
Register 2 (ICR02)
Interrupt Control
Register 3 (ICR03)
0x0044
Interrupt Control
Register 4 (ICR04)
Interrupt Control
Register 5 (ICR05)
Interrupt Control
Register 6 (ICR06)
Interrupt Control
Register 7 (ICR07)
0x0048
Interrupt Control
Register 8 (ICR08)
Interrupt Control
Register 9 (ICR09)
Interrupt Control
Register 10 (ICR10)
Interrupt Control
Register 11 (ICR11)
0x004c
Interrupt Control
Register 12 (ICR12)
Interrupt Control
Register 13 (ICR13)
Interrupt Control
Register 14 (ICR14)
Interrupt Control
Register 15 (ICR15)
0x0050
Interrupt Control
Register 16 (ICR16)
Interrupt Control
Register 17 (ICR17)
Interrupt Control
Register 18 (ICR18)
Interrupt Control
Register 19 (ICR19)
0x0054
Interrupt Control
Register 20 (ICR20)
Interrupt Control
Register 21 (ICR21)
Interrupt Control
Register 22 (ICR22)
Interrupt Control
Register 23 (ICR23)
0x0058
Interrupt Control
Register 24 (ICR24)
Interrupt Control
Register 25 (ICR25)
Interrupt Control
Register 26 (ICR26)
Interrupt Control
Register 27 (ICR27)
0x005c
Interrupt Control
Register 28 (ICR28)
Interrupt Control
Register 29 (ICR29)
Interrupt Control
Register 30 (ICR30)
Interrupt Control
Register 31 (ICR31)
0x0060
Interrupt Control
Register 32 (ICR32)
Interrupt Control
Register 33 (ICR33)
Interrupt Control
Register 34 (ICR34)
Interrupt Control
Register 35 (ICR35)
0x0064
Interrupt Control
Register 36 (ICR36)
Interrupt Control
Register 37 (ICR37)
Interrupt Control
Register 38 (ICR38)
Interrupt Control
Register 39 (ICR39)
0x0068
Interrupt Control
Register 40 (ICR40)
Interrupt Control
Register 41 (ICR41)
Interrupt Control
Register 42 (ICR42)
Interrupt Control
Register 43 (ICR43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com