Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 375 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 375 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 371Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 372Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 373Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 374Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 375Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 376Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 377Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 378Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 379Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
297
14.8.1.3
INTFRC[63:0] - Force Interrupt Register (INTFRCH, INTFRCL)
The INTFRCH and INTFRCL registers are each 32 bits in size, and provide a mechanism to allow
software generation of interrupts for each possible source for functional or debug purposes. The system
design may reserve one or more sources to allow software to self-schedule interrupts by forcing one or
more of these bits (1 = force request, 0 = negate request) in the appropriate INTFRC register. In some
cases, the handling of an interrupt request may cause critical processing by the service routine along with
the scheduling (using the INTFRC register) of a lower-priority interrupt request to be processed at a later
Register address: INTC_Offset + 0x08 (IMRH), + 0x0c (IMRL)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
W
RESET:
1111111111111111
15
14
13
12
11
10
9876543210
R
W
RESET:
1111111111111111
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
W
RESET:
1111111111111111
15
14
13
12
11
10
9876543210
R
W
RESET:
1111111111111111
= Unimplemented or Reserved
Figure 14-3. Interrupt Mask (IMRH, IMRL) Registers
Table 14-8. Interrupt Mask (IMRH, IMRL) Field Descriptions
Name
Description
IMRn,
n = 0,... 63
Interrupt Mask Register n
0
The interrupt request n is enabled.
1
The interrupt request n is disabled, i.e., masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com