Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 372 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 372 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 368Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 369Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 370Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 371Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 372Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 373Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 374Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 375Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 376Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
294
Freescale Semiconductor
The platform’s IPS memory map reserves a contiguous 64 KByte space for the interrupt controller(s).
Figure 14-5 shows the 256-byte memory map for a single interrupt controller. For designs with multiple
controllers, see Figure 14-6.
14.8.1
Register Descriptions
14.8.1.1
IPR[63:0] - Interrupt Pending Register (IPRH, IPRL)
The IPRH and IPRL registers are each 32 bits in size, and provide a bit map for each interrupt request to
indicate if there is an active request (1 = active request, 0 = no request) for the given source. The state of
0x006c
Interrupt Control
Register 44 (ICR44)
Interrupt Control
Register 45 (ICR45)
Interrupt Control
Register 46 (ICR46)
Interrupt Control
Register 47 (ICR47)
0x0070
Interrupt Control
Register 48 (ICR48)
Interrupt Control
Register 49 (ICR49)
Interrupt Control
Register 50 (ICR50)
Interrupt Control
Register 51 (ICR51)
0x0074
Interrupt Control
Register 52 (ICR52)
Interrupt Control
Register 53 (ICR53)
Interrupt Control
Register 54 (ICR54)
Interrupt Control
Register 55 (ICR55)
0x0078
Interrupt Control
Register 56 (ICR56)
Interrupt Control
Register 57 (ICR57)
Interrupt Control
Register 58 (ICR58)
Interrupt Control
Register 59 (ICR59)
0x007c
Interrupt Control
Register 60 (ICR60)
Interrupt Control
Register 61 (ICR61)
Interrupt Control
Register 62 (ICR62)
Interrupt Control
Register 63 (ICR63)
0x0080-0x00dc
Reserved
0x00e0
Reserved
0x00e4
Reserved
0x00e8
Reserved
0x00ec
IRQ Acknowledge
{IRQIACK)
Reserved
0x00f0
FIQ Acknowledge
(FIQIACK)
Reserved
0x00f4
Reserved
0x00f8
Reserved
0x00fc
Reserved
Table 14-6. Multiple Interrupt Controller IPS Memory Map
Configuration
Offset for
intc01
1. The offsets for intc1, intc2 and the IACK addresses are relative to the base of intc0.
Offset for
intc1
Offset for
intc2
IACK
Addresses
1 controller
0x0000
—
—
0x00ec, 0x00f0
2 controllers
0x0000
+0x4000
—
0xc0ec, 0xc0f0
3 controllers
0x0000
+0x4000
+0x8000
0xc0ec, 0xc0f0
Table 14-5. INTC 32-bit Memory Map (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com