Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 369 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 369 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 365Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 366Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 367Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 368Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 369Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 370Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 371Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 372Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 373Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 976 page
background image
The Interrupt Controller Module (INTC)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
291
Figure 14-1. INTC Block Diagram
14.7.1
Review of ARM Interrupt Architecture
Before continuing with the specifics of the platform interrupt controller, a brief review of the interrupt
architecture of the ARM core family is appropriate.
ARM cores support two direct interrupt request signals: a FIQ (fast interrupt request) and an IRQ (normal
interrupt request). These two inputs are prioritized by the hardware with the FIQ being higher priority than
the IRQ. Like most processor cores, interrupts are sampled once per instruction. If the FIQ input signal is
asserted and enabled in the processor’s status register (CPSR), then the core suspends normal execution
and initiates processing of a fast interrupt exception.
During exception processing, the contents of two key registers are copied into “shadow” or banked
registers. Specifically, the current program counter (R15) is copied into the banked copy of the R14 link
INTC
IPS
Bus
ips_wdata
intfrc
imr
ipr
ips_addr
decode
ipi_int[63:0]
&
&
>
>
lp_int_mask[*]
>
icr0...3
icr60...63
Vector
Gen
_wakeup _active_* ints to core
ips_rdata
mux
Prioritization &
Level Masking
Level
Conversion
clmask
slmask
iack
IPS Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com