Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 365 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 365 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 361Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 362Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 363Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 364Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 365Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 366Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 367Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 368Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 369Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
287
Chapter 14
SPP Interrupt Controller Module for ARM (SPP_INTC_ARM)
14.1
Introduction
14.1.1
Overview
The ARM_INTC is a highly-programmable interrupt controller, collecting both on-platform and
off-platform interrupt requests, mapping the requests into 16 priority levels, and then signalling the ARM
processor when a properly enabled non-masked request is active. In response to the service routine’s
memory mapped interrupt acknowledge read cycle, the controller returns a unique vector for each interrupt
request and automatically manages masking of lower level requests. As any interrupt source can be
assigned to any of the sixteen priority levels, and the interrupt controller enables the definition of which
priority levels are assigned to Fast or Normal interrupts, each interrupt source can be selected to generate
either a Fast or Normal interrupt to the core by its assigned level.
Normal or Fast interrupts can enable the cores bus master priority to be elevated on the crossbar switch to
assist with accelerating the handling of interrupts of the specified type.
The MAC7200 family of devices implement one interrupt controller which supports 64 interrupt requests.
The interrupt controller is accessed via the peripheral bus for both configuration and for fetching the
interrupt vector.
Consult Section 14.7, “The Interrupt Controller Module (INTC)” for information about the vector
interrupt controller implemented in the core Platform and Chapter 7, “Exceptions” for a list of the possible
interrupt sources in the system.
14.2
INTC Features
•
64 vectored interrupt sources.
•
Interrupt sources available from internal peripherals, eDMA controller, software watchdog timer
and external sources.
•
Supports 16 interrupt levels (0-15) with 64 priorities per level (1-64), to allow maximum flexibility
in configuring the system. Every interrupt source can be programmed to any interrupt level.
Priorities within a level are hard-coded in the MCU.
•
Multiple level interrupt nesting.
•
Hardware support for first nesting level.
•
Normal and Fast interrupts supported with software programmability of sources for both Fast and
Normal Interrupts
•
Memory Map: 32-bit peripheral with 256 bytes, byte addressable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com