Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 374 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 374 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 370Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 371Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 372Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 373Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 374Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 375Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 376Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 377Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 378Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
296
Freescale Semiconductor
14.8.1.2
IMR[63:0] - Interrupt Mask Register (IMRH, IMRL)
The IMRH and IMRL registers are each 32 bits in size, and provide a bit map for each interrupt to allow
the request to be disabled or “masked” (1 = disable the request, 0 = enable the request). The IMR is set to
all ones by reset, disabling all interrupt requests. The IMR can be read and written directly, or individual
mask flags can be set or cleared by accesses through the SIMR (Set Interrupt Mask) or CIMR (Clear
Interrupt Mask) registers.
Each bit of the IMR[n] is associated with the corresponding bit of the IPR[n].
See Figure 14-3 and Table 14-8 for the IPR definition.
Table 14-7. Interrupt Pending (IPRH, IPRL) Field Descriptions
Name
Description
IPRn,
n = 0,... 63
Interrupt Pending Register n
0 The interrupt request n is negated.
1 The interrupt request n is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com