Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 373Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 374Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 375Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 376Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 377Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 378Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 379Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 380Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
299
14.8.1.4
Interrupt Configuration (ICONFIG) Register
The ICONFIG register defines the operating configuration for the INTC module. See Figure 14-5 and
Figure 14-10 for the ICONFIG definition.
Register address: INTC_Offset + 0x1b
76543210
R
FIQDEF[4:0]
W
RESET:
10100000
= Unimplemented or Reserved
Figure 14-5. Interrupt Configuration (ICONFIG) Register
Table 14-10. Interrupt Configuration (ICONFIG) Field Descriptions
Name
Description
7
EFIQPRI
Enable Core’s Priority Elevation on FIQ
If set, the assertion of an FIQ request to the core causes the processor’s bus master priority to be temporarily
elevated in the platform’s crossbar switch arbitration logic. The processor’s bus master arbitration priority
remains elevated until the FIQ request is negated. If round-robin arbitration is enabled, this bit has no effect.
If cleared, the assertion of an FIQ request does not affect the processor’s bus master priority.
6
EIRQPRI
Enable Core’s Priority Elevation on IRQ
If set, the assertion of an IRQ request to the core causes the processor’s bus master priority to be temporarily
elevated in the platform’s crossbar switch arbitration logic. The processor’s bus master arbitration priority
remains elevated until the IRQ request is negated. If round-robin arbitration is enabled, this bit has no effect.
If cleared, the assertion of an IRQ request does not affect the processor’s bus master priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com