Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 377Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 378Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 379Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 380Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 381Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 382Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 383Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 384Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 976 page
background image
Memory Map/Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
303
14.8.1.8
Saved Level Mask (SLMASK) Register
The Saved Level Mask Register is provided so the INTC can automatically manage masking of interrupt
requests based on the programmed priority level. If enabled by ICONFIG[EMASK] being set, an interrupt
acknowledge read cycle returns a vector number identifying the physical request source, and the
CLMASK register is loaded with the level number associated with the request and the current contents of
the CLMASK register is loaded into the SLMASK register. Typically, once a level-n interrupt request is
handled, the service routine restores the saved level mask value into the current level mask register to
re-enable the lower priority requests.
See Figure 14-9 and Figure 14-14 for the SLMASK definition.
Table 14-13. Current Level Mask (CLMASK) Field Descriptions
Name
Description
4–0
CLMASK
Current Level Mask
This 5-bit field is treated as a signed integer within the range [-1, 0, 1,..., 15]. The value defines the level mask,
where only interrupt levels greater than the current value are processed by the controller.
if 0x1f, then level 00 - 15 requests are processed
if 0x00, then level 01 - 15 requests are processed
if 0x01, then level 02 - 15 requests are processed
if 0x02, then level 03 - 15 requests are processed
if 0x03, then level 04 - 15 requests are processed
if 0x04, then level 05 - 15 requests are processed
if 0x05, then level 06 - 15 requests are processed
if 0x06, then level 07 - 15 requests are processed
if 0x07, then level 08 - 15 requests are processed
if 0x08, then level 09 - 15 requests are processed
if 0x09, then level 10 - 15 requests are processed
if 0x0a, then level 11 - 15 requests are processed
if 0x0b, then level 12 - 15 requests are processed
if 0x0c, then level 13 - 15 requests are processed
if 0x0d, then level 14 - 15 requests are processed
if 0x0e, then level
15 requests are processed
if 0x0f - 0x1e,
then all requests are masked
Register address: INTC_Offset + 0x1f
76543210
R
0
0
0
SLMASK[4:0]
W
RESET:
11111
= Unimplemented or Reserved
Figure 14-9. Saved Level Mask (SLMASK) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com