Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 385 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 381Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 382Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 383Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 384Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 385Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 386Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 387Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 388Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
307
addresses and uses the interrupt vector number as an index into this table so that execution in the
appropriate service routine can begin as quickly as possible.
Refer to the INTC block diagram, Figure 14-1, for the subsequent discussion.
14.9.1.1
Interrupt Recognition
The interrupt controller continuously examines the request sources (the IPR register) and the interrupt
mask register (IMR) to determine if there are active requests. This is the recognition phase. The Interrupt
Force Register (INTFRC) also factors into the generation on an active request. An active request
(assuming the hardware masking is enabled) is defined by the following boolean equation:
active_request[n]
= (IPR[n]
& ~IMR[n]
|
INTFRC[n]) & (ICRn > CLMASK)
14.9.1.2
Interrupt Prioritization and Level Masking
As an active request is detected, it is first translated into the programmed interrupt level. Next, the
appropriate level masking is performed, if this feature is enabled. Recall the level of the active request must
be greater than the current mask level before it is signaled to the processor. The resulting 16-bit unmasked
decoded priority level (intc_active_level[15:0]) is then driven out of the interrupt controller. The decoded
priority levels from all the interrupt controllers are logically summed together and the highest priority
interrupt level is then encoded into the 2-bit FIQ/IRQ signals that are sent to the processor core during this
prioritization phase. The mapping of the interrupt levels into the 2-bit FIQ/IRQ signals (the level
conversion) is controlled by the ICONFIG[FIQDEF] field.
14.9.1.3
Vector Generation during IACK
Once the core has sampled for pending interrupts and completed interrupt exception processing, it begins
execution of the interrupt service routine (ISR) and typically generates a byte-sized operand read from the
controller known as an interrupt acknowledge cycle. The type of interrupt request being acknowledged
(FIQ or IRQ) determines the access address. The IACK transfer is a memory-mapped byte read via the
AIPS controller of the FIQIACK or IRQIACK register,which, in the case of multiple interrupt controller
instantiations, is routed into a separate interrupt arbiter module that determines the interrupt controller that
gets the IACK transfer based upon which controller has the appropriate level pending. Interrupt arbitration
priority is discussed in Section Figure 14.9.1.4. Next, the interrupt controller determines the highest
unmasked level for the type of interrupt being acknowledged, and generates an 8-bit interrupt vector for
that request to complete the cycle. The 8-bit interrupt vector is formed using the following algorithm:
For intc0,
vector_number =
64 + ipi_int[x]
For optional intc1,
vector_number = 128 + ipi_int[x]
For optional intc2,
vector_number = 192 + ipi_int[x]
where the bit position [x] within the ipi_int[63:0] source directly determines the vector number. Vector
numbers 0 - 63 are reserved for the processor and its internal exceptions. Thus, the following mapping of
bit positions to vector numbers applies for the mandatory intc0:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com